Electronic Components Datasheet Search
  English  ▼

X  

P4022 Datasheet(PDF) 9 Page - EM Microelectronic - MARIN SA

Part # P4022
Description  Multi Frequency Contactless Identification Device Anti-Collision compatible with BTGs Supertag Category Protocols
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

P4022 Datasheet(HTML) 9 Page - EM Microelectronic - MARIN SA

Back Button P4022 Datasheet HTML 5Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 6Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 7Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 8Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 9Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 10Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 11Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 12Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 13Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
PRELIMINARY
EMMICROELECTRONIC-MARINSA
P4022
9
LOGIC block
Depending on the state of the SI input at power-
up, the P4022 either enters a test mode (SI = 1) or
its normal operating mode (SI = 0). The SI pin is
internally pulled down, so that it can be left open
for normal operation.
After the power-on reset has disappeared, the chip
boots by reading the SEED and CTL ROMs.
The chip then enters its normal operating mode,
which basically consists of clocking a 16 bit timer
counter with the bit rate clock until it compares
with the number in the random number generator.
At this point a code is transmitted with the correct
preamble at the correct data rate and encoded
correctly. The random number generator is
clocked to generate a new pseudo random
number, and the 16 bit counter is reset to start a
new delay.
The width of the comparison between the 16 bit
random number and the 16 bit delay count
determines the maximum possible delay between
transmissions (reading rate).
Any one of eight
maximum delay settings can be pre-programmed.
The basic free-running mode as described above
can be modified by the reception of GAP (MUTE
and ACK) signals, if these are enabled by the CTL
bits.
If an ACK signal is received after transmission of a
code, the chip either turns itself off completely or
reduces the rate at which the delay counter is
clocked, thereby slowing down the rate at which
codes are transmitted.
If a MUTE signal is received while the chip is not
transmitting, the current operation of the chip is
interrupted for 128 clock periods, after which it
continues normally. Reception of more MUTEs
during the sleep state restarts the sleep state. The
sleep state is also terminated by the reception of a
WAKE-UP signal (an ACK signal to a chip which
has just completed transmitting).
T1
Clock
Data
LF ACK
HF ACK
Bit n
T
1
ACK timing
Figure 5: ACK timing diagram
GAP Detection Algorithm
The GAP detection logic contains two main
controllers, one for detecting the ACK signal, and
one for detecting the MUTE and WAKE-UP
signals. The WAKE-UP signal is also called an
asynchronous ACK, as it is really an ACK meant
for another chip. It also contains a pre-processor
for low frequency GAP signals.
Refer to the timing diagrams in Figure 5 and 6 for
the following detailed description of the GAP
detection algorithms.
ACK
The controller checks for a LOW 1.75 bit periods
after the last bit of code has been transmitted. It
then checks for a HIGH 3 bits later, a LOW 3 bits
later and finally a HIGH a further 3 bits later.
The reader should synchronise itself to the
frequency of the received code, check the CRC
and then send two GAPs so that the above pattern
is matched. Ideally to achieve the lowest error
rate, the GAPS should be as narrow as possible
and situated 4.75 and 7.75 bits after the last bit of
code. In practice allowance must be made for
the fact that the on-chip oscillator can drift in the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com