Electronic Components Datasheet Search
  English  ▼

X  

P4022 Datasheet(PDF) 6 Page - EM Microelectronic - MARIN SA

Part # P4022
Description  Multi Frequency Contactless Identification Device Anti-Collision compatible with BTGs Supertag Category Protocols
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

P4022 Datasheet(HTML) 6 Page - EM Microelectronic - MARIN SA

Back Button P4022 Datasheet HTML 2Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 3Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 4Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 5Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 6Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 7Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 8Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 9Page - EM Microelectronic - MARIN SA P4022 Datasheet HTML 10Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
PRELIMINARY
EMMICROELECTRONIC-MARINSA
P4022
6
with their own protocols automatically after a time
out, or continue immediately upon detection of
an ACK signal indicating that the transmission
which caused the MUTE has been completed.
In the P4022 the MUTE signal is implemented as
a single gap received while the transponder is not
transmitting.
Protocol combinations
The FREE-RUNNING and the two basic bi-
directional protocols, SWITCH-OFF and SLOW-
DOWN, can all be combined with the Fast
protocol to give six different protocols, i.e. Normal
FREE-RUNNING, Normal SLOW-DOWN, Normal
SWITCH-OFF,
Fast
FREE-RUNNING,
SLOW-
DOWN, and Fast SWITCH-OFF.
The following should be noted about the different
protocols:
1) The SWITCH-OFF protocols must be used for
counting applications.
2) All the protocols except the SWITCH-OFF
protocols have built in redundancy because of
the fact that they can transmit a code more
than once.
3) Normal FREE-RUNNING is the only uni-
directional protocol. It has the lowest power
spectrum requirement because the reader
transmits a CW wave.
4) Fast SWITCH-OFF and Fast SLOW-DOWN are
the fastest protocols, and should be used
where speed is important, or where the data
rate limits the reading rate. Fast SLOW-DOWN
is slightly slower, but theoretically has a lower
error rate.
5) For 125 kHz inductive applications using a 4
kbit/s data rate, Fast SLOW-DOWN is probably
the best overall protocol.
6) For RF applications using a 64 kbit/s data rate,
normal FREE-RUNNING protocol is probably
the best protocol.
Reader determined protocols
If the reader does not send MUTE signals to
transponders that were programmed for one of the
FAST protocols, the protocol merely reverts to the
equivalent normal protocol. Similarly, if the
reader does not send ACK signals to transponders
that were programmed for SLOW-DOWN or
SWITCH-OFF, the protocol reverts to a FREE-
RUNNING protocol.
In this manner, the reader
can determine the protocol that is used.
Note, however, that unless a transponder was
specifically programmed for the FREE-RUNNING
protocol, its GAP input must be pulled down. This
happens automatically in low frequency inductive
applications, where the GAP input is pulled down
by the internal GAP detector diode.
In RF
applications, however, the GAP input will have to
be pulled down explicitly.
This will consume
extra current.
Protocol saturation
As the number of transponders in a reader beam is
increased, the number of collisions increase, and
it takes longer to read all the tags. This process is
not linear. To read twice as many transponders
could take more than twice as long. This effect is
called protocol saturation.
The normal FREE-RUNNING protocol saturates
the easiest of all the protocols, because it does
not have any means of reducing the transmitting
population.
The Fast protocols, on the other
hand, are virtually immune against saturation, as
they prevent collisions by muting all transponders
except the transmitting one.
One way of delaying the onset of saturation, is to
reduce the initial repeat rate (not data rate) at
which transponders transmit their codes. This is
done by increasing the maximum random delay
between transmissions.
Seven different settings
are available from 16 bits to 64 kbits. A higher
setting means it will take longer to read a small
number of tags, but it will take a larger number of
transponders to saturate the communication
channel.
Table 7 below compares reading times at 4 kbit/s
vs. the number of transponders in a group.
In
each case the repeat delay was optimised for a
group of 30 transponders.
Time (s)
No of transponders
3
10
30
100
300
Free-running
3.1
5.8
10.8 49.3
-
Slow-down
0.86
1.8
5.8
89
-
Switch-off
0.79
1.5
3.4
34
-
Fast Free-running
0.30
0.78
2.9
21
690
Fast Slow-down
0.27
0.55
1.4
6.2
33
Fast Switch-off
0.26
0.49
1.0
3.3
13
Table 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com