Electronic Components Datasheet Search
  English  ▼

X  

OPA348 Datasheet(PDF) 17 Page - Texas Instruments

Part # OPA348
Description  OPAx348-Q1 1-MHz 45-μA CMOS Rail-to-Rail Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA348 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA348 Datasheet HTML 13Page - Texas Instruments OPA348 Datasheet HTML 14Page - Texas Instruments OPA348 Datasheet HTML 15Page - Texas Instruments OPA348 Datasheet HTML 16Page - Texas Instruments OPA348 Datasheet HTML 17Page - Texas Instruments OPA348 Datasheet HTML 18Page - Texas Instruments OPA348 Datasheet HTML 19Page - Texas Instruments OPA348 Datasheet HTML 20Page - Texas Instruments OPA348 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
2.7 V
2.7 V
R3
R4
R1
R2
VOUT+
VOUT±
V
+
VDIFF
VREF
2.5 V
VIN
+
±
+
Device
+
±
+
Device
C3
33 pF
V+
GND
3
1
8
4
5
6
7
–IN
+IN
2
C2
DCLOCK
Serial
Interface
1000 pF
R1
1.5 k
R4
20 k
R5
20 k
R6
100 kΩ
R8
150 k
R9
510 k
R7
51 k
DOUT
VREF
V+ = 2.7 V to 5 V
CS/SHDN
C1
1000 pF
Electret
Microphone(1)
G = 100
Passband 300 Hz to 3 kHz
R3
1 M
R2
1 M
ADS7822
12-Bit A/D
1/2
OPA2348-Q1
1/2
OPA2348-Q1
OPA348-Q1, OPA2348-Q1, OPA4348-Q1
www.ti.com
SBOS465C – JANUARY 2009 – REVISED JANUARY 2016
Application Information (continued)
(1)
Electret microphone powered by R1.
Figure 27. Speech Bandpass Filtered Data Acquisition System
8.2 Typical Application
Some applications require differential signals. Figure 28 shows a simple circuit to convert a single-ended input of
0.1 V to 2.4 V into a differential output of ±2.3 V on a single 2.7-V supply. The output range is intentionally limited
to maximize linearity. The circuit is composed of two amplifiers. One amplifier functions as a buffer and creates a
voltage, VOUT+. The second amplifier inverts the input and adds a reference voltage to generate VOUT–. Both
VOUT+ and VOUT– range from 0.1 V to 2.4 V. The difference, VDIFF, is the difference between VOUT+ and VOUT–.
This configuration makes the differential output voltage range to be 2.3 V.
Figure 28. Schematic for a Single-Ended Input to Differential Output Conversion
Copyright © 2009–2016, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: OPA348-Q1 OPA2348-Q1 OPA4348-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com