Electronic Components Datasheet Search
  English  ▼

X  

OPA348 Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA348
Description  OPAx348-Q1 1-MHz 45-μA CMOS Rail-to-Rail Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA348 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA348 Datasheet HTML 4Page - Texas Instruments OPA348 Datasheet HTML 5Page - Texas Instruments OPA348 Datasheet HTML 6Page - Texas Instruments OPA348 Datasheet HTML 7Page - Texas Instruments OPA348 Datasheet HTML 8Page - Texas Instruments OPA348 Datasheet HTML 9Page - Texas Instruments OPA348 Datasheet HTML 10Page - Texas Instruments OPA348 Datasheet HTML 11Page - Texas Instruments OPA348 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
2
13
10
7
4
1
Supply Voltage (V)
2.5
3
3.5
4
4.5
5
5.5
65
55
45
35
25
I
Q
I
SC
0
Output Current (mA)
5
10
–40°C
–40°C
+125°C
+125°C
+25°C
+25°C
15
20
2.5
2
1.5
1
0.5
0
–0.5
–1
–1.5
–2
–2.5
Sourcing Current
Sinking Current
Frequency (Hz)
1k
10k
1M
100k
10M
6
5
4
3
2
1
0
V
S = 5.5 V
V
S = 5 V
V
S = 2.5 V
10
Frequency (Hz)
100
1k
10k
100k
1M
10M
140
120
100
80
60
0.1
0
–45
–90
–135
–180
Frequency (Hz)
1
100
10
10k
1k
100k
1M
10M
140
120
100
80
60
40
20
0
–20
Gain
Phase
10
Frequency (Hz)
100
1k
10k
100k
1M
10M
100
80
60
40
20
0
PSRR
CMRR
OPA348-Q1, OPA2348-Q1, OPA4348-Q1
SBOS465C – JANUARY 2009 – REVISED JANUARY 2016
www.ti.com
6.7 Typical Characteristics
At TA = 25°C, RL = 100 kΩ connected to VS / 2, VOUT = VS / 2 (unless otherwise noted).
Figure 1. Open-Loop Gain and Phase vs Frequency
Figure 2. PSRR and CMRR vs Frequency
Figure 4. Channel Separation vs Frequency
Figure 3. Maximum Output Voltage vs Frequency
VS = ±2.5V
Figure 5. Quiescent and Short-Circuit Current
Figure 6. Output Voltage Swing vs Output Current
vs Supply Voltage
8
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Product Folder Links: OPA348-Q1 OPA2348-Q1 OPA4348-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com