Electronic Components Datasheet Search
  English  ▼

X  

OPA348 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA348
Description  OPAx348-Q1 1-MHz 45-μA CMOS Rail-to-Rail Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA348 Datasheet(HTML) 2 Page - Texas Instruments

  OPA348 Datasheet HTML 1Page - Texas Instruments OPA348 Datasheet HTML 2Page - Texas Instruments OPA348 Datasheet HTML 3Page - Texas Instruments OPA348 Datasheet HTML 4Page - Texas Instruments OPA348 Datasheet HTML 5Page - Texas Instruments OPA348 Datasheet HTML 6Page - Texas Instruments OPA348 Datasheet HTML 7Page - Texas Instruments OPA348 Datasheet HTML 8Page - Texas Instruments OPA348 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
OPA348-Q1, OPA2348-Q1, OPA4348-Q1
SBOS465C – JANUARY 2009 – REVISED JANUARY 2016
www.ti.com
Table of Contents
7.4
Device Functional Modes........................................ 15
1
Features .................................................................. 1
8
Application and Implementation ........................ 16
2
Applications ........................................................... 1
8.1
Application Information............................................ 16
3
Description ............................................................. 1
8.2
Typical Application ................................................. 17
4
Revision History..................................................... 2
9
Power Supply Recommendations ...................... 19
5
Pin Configuration and Functions ......................... 3
10
Layout................................................................... 20
6
Specifications......................................................... 5
10.1
Layout Guidelines ................................................. 20
6.1
Absolute Maximum Ratings ...................................... 5
10.2
Layout Example .................................................... 20
6.2
ESD Ratings.............................................................. 5
11
Device and Documentation Support ................. 21
6.3
Recommended Operating Conditions ....................... 5
11.1
Documentation Support ........................................ 21
6.4
Thermal Information: OPA348-Q1 ............................ 6
11.2
Related Links ........................................................ 21
6.5
Thermal Information: OPA2348-Q1, OPA4348-Q1... 6
11.3
Community Resource............................................ 21
6.6
Electrical Characteristics........................................... 7
11.4
Trademarks ........................................................... 21
6.7
Typical Characteristics .............................................. 8
11.5
Electrostatic Discharge Caution ............................ 21
7
Detailed Description ............................................ 11
11.6
Glossary ................................................................ 21
7.1
Overview ................................................................. 11
12
Mechanical, Packaging, and Orderable
7.2
Functional Block Diagram ....................................... 11
Information ........................................................... 21
7.3
Feature Description................................................. 12
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (December 2014) to Revision C
Page
•
Added the OPA348-Q1 SOIC (D) package option to document ............................................................................................ 1
Changes from Revision A (January 2009) to Revision B
Page
•
Added two new applications to the Applications section ....................................................................................................... 1
•
Added the ESD Ratings table, Feature Description section, Device Functional Modes section, Application and
Implementation section, Power Supply Recommendations section, Layout section, Device and Documentation
Support section, and Mechanical, Packaging, and Orderable Information section ............................................................... 1
•
Added the OPA348-Q1 device to the data sheet .................................................................................................................. 1
•
Changed the name for pin 3 in the PW (TSSOP) package drawing ...................................................................................... 4
2
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Product Folder Links: OPA348-Q1 OPA2348-Q1 OPA4348-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com