Electronic Components Datasheet Search
  English  ▼

X  

OPA348 Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA348
Description  OPAx348-Q1 1-MHz 45-μA CMOS Rail-to-Rail Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA348 Datasheet(HTML) 3 Page - Texas Instruments

  OPA348 Datasheet HTML 1Page - Texas Instruments OPA348 Datasheet HTML 2Page - Texas Instruments OPA348 Datasheet HTML 3Page - Texas Instruments OPA348 Datasheet HTML 4Page - Texas Instruments OPA348 Datasheet HTML 5Page - Texas Instruments OPA348 Datasheet HTML 6Page - Texas Instruments OPA348 Datasheet HTML 7Page - Texas Instruments OPA348 Datasheet HTML 8Page - Texas Instruments OPA348 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
1
2
3
4
8
7
6
5
V+
Out B
-
In B
+In B
Out A
-
In A
+In A
V
-
A
B
1
2
3
4
8
7
6
5
NC
V+
OUT
nc
NC
-
In
+In
V
-
–
–
+
1
2
3
5
4
V+
–In
Out
V–
+In
OPA348-Q1, OPA2348-Q1, OPA4348-Q1
www.ti.com
SBOS465C – JANUARY 2009 – REVISED JANUARY 2016
5 Pin Configuration and Functions
DBV Package: OPA348-Q1
D Package: OPA348-Q1
5-Pin SOT-23
8-Pin SOIC
Top View
Top View
Pin Functions: OPA348-Q1
PIN
NO.
I/O
DESCRIPTION
NAME
SOT-23
SOIC
+IN
3
3
I
Noninverting input
–IN
4
2
I
Inverting input
OUT
1
6
O
Output
V+
5
7
—
Positive (highest) supply
V–
2
4
—
Negative (lowest) supply
1
NC
—
5
—
Do not connect
8
D Package: OPA2348-Q1
8-Pin SOIC
Top View
Pin Functions: OPA2348-Q1
PIN
I/O
DESCRIPTION
NAME
NO
+IN A
3
I
Noninverting input, Channel A
–IN A
2
I
Inverting input, Channel A
+IN B
5
I
Noninverting input, Channel B
–IN B
6
I
Inverting input, Channel B
OUT A
1
O
Output, Channel A
OUT B
7
O
Output, Channel B
V+
8
—
Positive (highest) supply
V–
4
—
Negative (lowest) supply
Copyright © 2009–2016, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: OPA348-Q1 OPA2348-Q1 OPA4348-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com