Electronic Components Datasheet Search
  English  ▼

X  

OPA348 Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA348
Description  OPAx348-Q1 1-MHz 45-μA CMOS Rail-to-Rail Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA348 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA348 Datasheet HTML 3Page - Texas Instruments OPA348 Datasheet HTML 4Page - Texas Instruments OPA348 Datasheet HTML 5Page - Texas Instruments OPA348 Datasheet HTML 6Page - Texas Instruments OPA348 Datasheet HTML 7Page - Texas Instruments OPA348 Datasheet HTML 8Page - Texas Instruments OPA348 Datasheet HTML 9Page - Texas Instruments OPA348 Datasheet HTML 10Page - Texas Instruments OPA348 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
OPA348-Q1, OPA2348-Q1, OPA4348-Q1
www.ti.com
SBOS465C – JANUARY 2009 – REVISED JANUARY 2016
6.6 Electrical Characteristics
At VS = 2.5 V to 5.5 V, RL = 100 kΩ connected to VS / 2, VOUT = VS / 2 (unless otherwise noted).
PARAMETER
TEST CONDITIONS
TA
(1)
MIN
TYP
MAX
UNIT
25°C
1
5
VOS
Input offset voltage
VS = 5 V, VCM = (V–) + 0.8 V
mV
Full range
6
ΔVOS/ΔT
Offset voltage drift over temperature
Full range
4
µV/°C
25°C
60
175
PSRR
Offset voltage drift vs power supply
VS = 2.5 V to 5.5 V, VCM < (V+) – 1.7 V
µV/V
Full range
300
dc
25°C
0.2
µV/V
Channel separation
f = 1 kHz
25°C
134
dB
VCM
Input common-mode voltage range
25°C
(V–) – 0.2
(V+) + 0.2
V
25°C
70
82
(V–) – 0.2 V < VCM < (V+) – 1.7 V
Full range
66
CMRR
Input common-mode rejection ratio
dB
VS = 5.5 V, (V–) – 0.2 V < VCM < (V+) + 0.2 V
25°C
60
71
VS = 5.5 V, (V–) < VCM < (V+)
Full range
56
IB
Input bias current
25°C
±0.5
±10
pA
IOS
Input offset current
25°C
±0.5
±10
pA
Differential
1013|| 3
ZI
Input impedance
25°C
Ω || pF
Common-mode
1013|| 3
Input voltage noise
VCM < (V+) – 1.7 V, f = 0.1 Hz to 10 Hz
25°C
10
µVPP
Vn
Input voltage noise density
VCM < (V+) – 1.7 V, f = 1 kHz
25°C
35
nV/
√Hz
In
Input current noise density
VCM < (V+) – 1.7 V, f = 1 kHz
25°C
4
fA/
√Hz
25°C
94
108
VS = 5 V, RL = 100 kΩ,
0.025 V < VO < 4.975 V
Full range
90
AOL
Open-loop voltage gain
dB
25°C
90
98
VS = 5V, RL = 5 kΩ,
0.125 V < VO < 4.875 V
Full range
88
25°C
18
25
RL = 100 k
Ω, AOL > 94 dB
mV
Full range
25
Voltage output swing from rail
25°C
100
125
RL = 5 k
Ω, AOL > 90 dB
mV
Full range
125
ISC
Output short-circuit current
25°C
±10
mA
CLOAD
Capacitive load drive
See the Typical Characteristics section
25°C
GBW
Gain-bandwidth product
CL = 100 pF
25°C
1
MHz
SR
Slew rate
CL = 100 pF, G = +1
25°C
0.5
V/µs
0.1%
5
Settling
ts
CL = 100 pF, VS = 5.5 V, 2V- step, G = +1
25°C
µs
time
0.01%
7
Overload recovery time
VIN × Gain > VS
25°C
1.6
µs
CL = 100 pF, VS = 5.5 V, VO = 3 VPP,
THD+N
Total harmonic distortion plus noise
25°C
0.0023%
G = +1, f = 1 kHz
25°C
45
65
IQ
Quiescent current
Per amplifier
µA
Full range
75
(1)
Full range TA = –40°C to +125°C.
Copyright © 2009–2016, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: OPA348-Q1 OPA2348-Q1 OPA4348-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com