Electronic Components Datasheet Search
  English  ▼

X  

OPA348 Datasheet(PDF) 21 Page - Texas Instruments

Part # OPA348
Description  OPAx348-Q1 1-MHz 45-μA CMOS Rail-to-Rail Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA348 Datasheet(HTML) 21 Page - Texas Instruments

Back Button OPA348 Datasheet HTML 17Page - Texas Instruments OPA348 Datasheet HTML 18Page - Texas Instruments OPA348 Datasheet HTML 19Page - Texas Instruments OPA348 Datasheet HTML 20Page - Texas Instruments OPA348 Datasheet HTML 21Page - Texas Instruments OPA348 Datasheet HTML 22Page - Texas Instruments OPA348 Datasheet HTML 23Page - Texas Instruments OPA348 Datasheet HTML 24Page - Texas Instruments OPA348 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
OPA348-Q1, OPA2348-Q1, OPA4348-Q1
www.ti.com
SBOS465C – JANUARY 2009 – REVISED JANUARY 2016
11 Device and Documentation Support
11.1 Documentation Support
11.1.1 Related Documentation
For related documentation see the following:
•
ADS7822: 12-Bit, 200kHz, microPower Sampling Analog-to-Digital Converter, SBAS062
•
Application report: Circuit Board Layout Techniques, SLOA089
•
Application report: EMI Rejection Ratio of Operational Amplifiers, SBOA128
11.2 Related Links
Table 1 lists quick access links. Categories include technical documents, support and community resources,
tools and software, and quick access to sample or buy.
Table 1. Related Links
TECHNICAL
TOOLS &
SUPPORT &
PARTS
PRODUCT FOLDER
SAMPLE & BUY
DOCUMENTS
SOFTWARE
COMMUNITY
OPA348-Q1
Click here
Click here
Click here
Click here
Click here
OPA2348-Q1
Click here
Click here
Click here
Click here
Click here
OPA4348-Q1
Click here
Click here
Click here
Click here
Click here
11.3 Community Resource
The following links connect to TI community resources. Linked contents are provided "AS IS" by the respective
contributors. They do not constitute TI specifications and do not necessarily reflect TI's views; see TI's Terms of
Use.
TI E2E™ Online Community TI's Engineer-to-Engineer (E2E) Community. Created to foster collaboration
among engineers. At e2e.ti.com, you can ask questions, share knowledge, explore ideas and help
solve problems with fellow engineers.
Design Support TI's Design Support Quickly find helpful E2E forums along with design support tools and
contact information for technical support.
11.4 Trademarks
E2E is a trademark of Texas Instruments.
All other trademarks are the property of their respective owners.
11.5 Electrostatic Discharge Caution
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
11.6 Glossary
SLYZ022 — TI Glossary.
This glossary lists and explains terms, acronyms, and definitions.
12 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
Copyright © 2009–2016, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: OPA348-Q1 OPA2348-Q1 OPA4348-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com