Electronic Components Datasheet Search
  English  ▼

X  

OPA348 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA348
Description  OPAx348-Q1 1-MHz 45-μA CMOS Rail-to-Rail Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA348 Datasheet(HTML) 1 Page - Texas Instruments

  OPA348 Datasheet HTML 1Page - Texas Instruments OPA348 Datasheet HTML 2Page - Texas Instruments OPA348 Datasheet HTML 3Page - Texas Instruments OPA348 Datasheet HTML 4Page - Texas Instruments OPA348 Datasheet HTML 5Page - Texas Instruments OPA348 Datasheet HTML 6Page - Texas Instruments OPA348 Datasheet HTML 7Page - Texas Instruments OPA348 Datasheet HTML 8Page - Texas Instruments OPA348 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
ADS7822
12-Bit A/D
DCLOCK
DOUT
CS/SHDN
1/2
OPA2348-Q1
5 V
VIN
V+
2
+IN
3
–IN
VREF
8
4
GND
Serial
Interface
1
0.1 µF
0.1 µF
7
6
5
VIN = 0 V to 5 V for
0-V to 5-V output.
RC network filters high-frequency noise.
500
3300 pF
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
OPA348-Q1, OPA2348-Q1, OPA4348-Q1
SBOS465C – JANUARY 2009 – REVISED JANUARY 2016
OPAx348-Q1 1-MHz 45-µA CMOS Rail-to-Rail Operational Amplifier
1 Features
3 Description
The OPAx348-Q1 series of devices are single-supply,
1
•
Qualified for Automotive Applications
low-power CMOS operational amplifiers. Featuring an
•
AEC-Q100 Qualified With the Following Results:
extended bandwidth of 1 MHz and a supply current of
–
Device Temperature Grade 1: –40°C to
45 µA, the OPAx348-Q1 family of devices is useful
+125°C Ambient Operating Temperature
for low-power applications on single supplies of 2.1 V
to 5.5 V.
Range
–
Device HBM ESD Classification Level 2
Low supply current of 45 µA and an input bias current
of 0.5 pA make the OPAx348-Q1 family of devices an
–
Device CDM ESD Classification Level C4B
optimal candidate for low-power, high-impedance
•
Low Quiescent Current (IQ): 45 µA (Typ)
applications such as smoke detectors and other
•
Low Cost
sensors.
•
Rail-to-Rail Input and Output
The OPA348-Q1 device is available in both the
•
Single Supply: 2.1 V to 5.5 V
SOT23-5 (DBV) and the SOIC (D) packages. The
OPA2348-Q1 device is available in the SOIC-8 (D)
•
Input Bias Current: 0.5 pA (Typ)
package. The OPA4348-Q1 device is available in the
•
High Speed: Power With Bandwidth: 1 MHz
TSSOP-14
(PW)
package.
The
automotive
temperature range of –40°C to +125°C over all
2 Applications
supply voltages offers additional design flexibility.
•
Portable Equipment
Device Information(1)
•
Battery-Powered Equipment
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Smoke Alarms
SOT-23 (5)
2.90 mm × 1.60 mm
•
CO Detectors
OPA348-Q1
SOIC (8)
4.90 mm × 3.91 mm
•
HEV/EV and Power Train
OPA2348-Q1
SOIC (8)
4.90 mm × 3.91 mm
•
Infotainment and Cluster
OPA4348-Q1
TSSOP (14)
5.00 mm × 4.40 mm
•
Medical Instrumentation
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Noninverting Configuration Driving ADS7822
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - OPA348

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA348 TI-OPA348 Datasheet
318Kb / 14P
1MHz, 45UA, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA348 TI-OPA348 Datasheet
318Kb / 17P
1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA348 TI-OPA348 Datasheet
472Kb / 19P
1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA348 BURR-BROWN-OPA348 Datasheet
501Kb / 19P
1MHz, 45關A, CMOS, Rail-to-Rail OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA348 TI1-OPA348 Datasheet
1Mb / 24P
12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
More results

Similar Description - OPA348

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1704A ALD-ALD1704A Datasheet
47Kb / 6P
RAIL TO RAIL CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2348-Q1 TI1-OPA2348-Q1 Datasheet
685Kb / 18P
1-MHz 45-關A CMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIER
OPA2348-HIREL TI1-OPA2348-HIREL Datasheet
219Kb / 14P
1-MHz, 45-關A CMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIER
OPA348-Q1 TI-OPA348-Q1 Datasheet
1Mb / 30P
OPAx348-Q1 1-MHz 45-關A CMOS Rail-to-Rail Operational Amplifier
OPA2348-HIREL TI-OPA2348-HIREL_15 Datasheet
183Kb / 15P
1-MHz, 45-關A CMOS RAIL-TO-RAIL OPERATIONAL AMPLIFIER
OPA348-Q1 TI1-OPA348-Q1_16 Datasheet
1Mb / 32P
CMOS Rail-to-Rail Operational Amplifier
OPA2607-Q1 TI-OPA2607-Q1 Datasheet
1Mb / 31P
OPAx607-Q1, Automotive, 50-MHz , Rail to Rail Output CMOS Operational Amplifier
OPA607-Q1 TI-OPA607-Q1 Datasheet
1Mb / 35P
OPAx607-Q1, Automotive, 50-MHz , Rail to Rail Output CMOS Operational Amplifier
OPA607-Q1 TI-OPA607-Q1_V01 Datasheet
2Mb / 37P
OPAx607-Q1, Automotive, 50-MHz , Rail to Rail Output CMOS Operational Amplifier
logo
ON Semiconductor
NCS20161 ONSEMI-NCS20161 Datasheet
321Kb / 22P
8 MHz, Rail-To-Rail, CMOS Operational Amplifier
October, 2022 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com