Electronic Components Datasheet Search
  English  ▼

X  

OPA348 Datasheet(PDF) 5 Page - Texas Instruments

Part # OPA348
Description  OPAx348-Q1 1-MHz 45-μA CMOS Rail-to-Rail Operational Amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA348 Datasheet(HTML) 5 Page - Texas Instruments

  OPA348 Datasheet HTML 1Page - Texas Instruments OPA348 Datasheet HTML 2Page - Texas Instruments OPA348 Datasheet HTML 3Page - Texas Instruments OPA348 Datasheet HTML 4Page - Texas Instruments OPA348 Datasheet HTML 5Page - Texas Instruments OPA348 Datasheet HTML 6Page - Texas Instruments OPA348 Datasheet HTML 7Page - Texas Instruments OPA348 Datasheet HTML 8Page - Texas Instruments OPA348 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
OPA348-Q1, OPA2348-Q1, OPA4348-Q1
www.ti.com
SBOS465C – JANUARY 2009 – REVISED JANUARY 2016
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage, VS
V– to V+
7.5
V
Input voltage, VIN
Signal input terminals(2)
(V–) – 0.5 V
(V+) + 0.5 V
V
Input current, IIN
Signal input terminals(2)
10
mA
Output short-circuit duration(3)
Continuous
Operating free-air temperature, TA
–40
150
°C
Operating virtual-junction temperature, TJ
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Input terminals are diode-clamped to the power-supply rails. Input signals that can swing more than 0.5 V beyond the supply rails should
be current-limited to 10 mA or less.
(3)
Short-circuit to ground, one amplifier per package.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per AEC Q100-002(1)
±2000
Electrostatic
V(ESD)
All pins
±500
V
Charged-device model (CDM), per AEC
discharge
Q100-011
Corner pins (1, 7, 8, and 14)
±750
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VS
Supply voltage, V– to V+
2.1
5.5
V
TA
Operating free-air temperature
–40
125
°C
Copyright © 2009–2016, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: OPA348-Q1 OPA2348-Q1 OPA4348-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com