Electronic Components Datasheet Search
  English  ▼

X  

ISO3080 Datasheet(PDF) 16 Page - Texas Instruments

Part # ISO3080
Description  ISO308x Isolated 5-V Full- and Half-Duplex RS-485 Transceivers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO3080 Datasheet(HTML) 16 Page - Texas Instruments

Back Button ISO3080 Datasheet HTML 12Page - Texas Instruments ISO3080 Datasheet HTML 13Page - Texas Instruments ISO3080 Datasheet HTML 14Page - Texas Instruments ISO3080 Datasheet HTML 15Page - Texas Instruments ISO3080 Datasheet HTML 16Page - Texas Instruments ISO3080 Datasheet HTML 17Page - Texas Instruments ISO3080 Datasheet HTML 18Page - Texas Instruments ISO3080 Datasheet HTML 19Page - Texas Instruments ISO3080 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
Input
Generator
50 W
3 Viftesting A output
,
0 ViftestingBoutput
S1
CLincludesfixtureand
instrumentation
capacitance
D
A
DE
50%
50%
3 V
VOH
tPZH
tPHZ
50%
90%
0 V
VO
VI
3Vor0V
VI
GND1
VO
C =50pF±20%
L
R =110
±1%
L
W
GeneratorPRR=50kHz,50%dutycycle,
t <6ns,t <6ns,Z
=50
r
f
O
W
0V
~
~
Figure 7-5. Driver High-Level Output Enable and Disable Time Test Circuit and Voltage Waveforms
GND 2
Input
Generator
50 W
3 Vor 0 V
S1
3V
D
A
B
DE
VI
C includesfixtureand
L
instrumentation
capacitance
Generator: PRR =50 kHz ,50% duty cycle,
r< 6ns, tf < 6ns, Z = 50
t
0 Viftesting A output
,
3 ViftestingBoutput
50%
3V
VOL
tPZL
tPLZ
10%
VO
VI
5V
50%
50%
C =50pF±20%
L
R =110
±1%
L
W
0V
Figure 7-6. Driver Low-Level Output Enable and Disable Time Test Circuit and Voltage Waveform
V
ID
IO
A
B
R
I B
I A
V
IC
V
A
V
B
VB
VA+
2
VO
Figure 7-7. Receiver Voltage and Current Definitions
Input
Generator
1.5 V
C includesfixtureand
L
instrumentationcapacitance
A
B
R VO
VI
RE
50 W
Generator: PRR=100 kHz, 50% duty cycle,
r < 6ns, t f < 6ns, ZO = 50 W
t
50%
50%
3 V
VOH
VOL
t
f
tr
tPLH
tPHL
10%
90%
50%
50%
0 V
V
O
V
I
C =15pF
±20%
L
Figure 7-8. Receiver Switching Test Circuit and Waveforms
ISO3080, ISO3082, ISO3086, ISO3088
SLOS581J – MAY 2008 – REVISED AUGUST 2023
www.ti.com
16
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ISO3080 ISO3082 ISO3086 ISO3088



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com