Electronic Components Datasheet Search
  English  ▼

X  

ISO3080 Datasheet(PDF) 6 Page - Texas Instruments

Part # ISO3080
Description  ISO308x Isolated 5-V Full- and Half-Duplex RS-485 Transceivers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO3080 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ISO3080 Datasheet HTML 2Page - Texas Instruments ISO3080 Datasheet HTML 3Page - Texas Instruments ISO3080 Datasheet HTML 4Page - Texas Instruments ISO3080 Datasheet HTML 5Page - Texas Instruments ISO3080 Datasheet HTML 6Page - Texas Instruments ISO3080 Datasheet HTML 7Page - Texas Instruments ISO3080 Datasheet HTML 8Page - Texas Instruments ISO3080 Datasheet HTML 9Page - Texas Instruments ISO3080 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
6.4 Thermal Information
THERMAL METRIC(1)
ISO308x
UNIT
DW (SOIC)
16 PINS
RθJA
Junction-to-ambient thermal resistance
79.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
39.7
°C/W
RθJB
Junction-to-board thermal resistance
44.7
°C/W
ψJT
Junction-to-top characterization parameter
13.2
°C/W
ψJB
Junction-to-board characterization parameter
44.0
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
—
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.5 Insulation Specifications
PARAMETER
TEST CONDITIONS
VALUE
UNIT
DW-16
CLR
External clearance(1)
Shortest terminal-to-terminal distance through air
8
mm
CPG
External creepage(1)
Shortest terminal-to-terminal distance across the
package surface
8
mm
DTI
Distance through the insulation
Minimum internal gap (internal clearance)
8
um
CTI
Comparative tracking index
DIN EN 60112 (VDE 0303-11); IEC 60112
>400
V
Material group
According to IEC 60664-1
II
Overvoltage category per IEC 60664-1
Rated mains voltage ≤ 150 VRMS
I-IV
Rated mains voltage ≤ 300 VRMS
I-III
DIN EN IEC 60747-17 (VDE 0884-17) (2)
VIORM
Maximum repetitive peak isolation voltage
AC voltage (bipolar)
560
VPK
VIOTM
Maximum transient isolation voltage
VTEST = VIOTM,
t = 60 s (qualification);
VTEST = 1.2 x VIOTM,
t= 1 s (100% production)
4000
VPK
qpd
Apparent charge(3)
Method b; At routine test (100% production)
Vini = 1.2 x VIOTM, tini = 1 s;
Vpd(m) = 1.5x VIORM, tm = 1 s
≤5
pC
CIO
Barrier capacitance, input to output(4)
VIO = 0.4 x sin (2πft), f = 1 MHz
2
pF
CI
Input capacitance to ground
VI = VCC/ 2 + 0.4×sin(2πft), f = 1 MHz, VCC = 5 V
2
pF
RIO
Isolation resistance(4)
VIO = 500 V, TA = 25°C
>1012
Ω
VIO = 500 V, TS = 150°C
>109
Pollution degree
2
Climatic category
40/125/21
UL 1577
VISO
Maximum withstanding isolation voltage
VTEST = VISO , t = 60 s (qualification),
VTEST = 1.2 x VISO , t = 1 s (100% production)
2500
VRMS
(1)
Creepage and clearance requirements should be applied according to the specific equipment isolation standards of an application.
Care should be taken to maintain the creepage and clearance distance of a board design to ensure that the mounting pads of
the isolator on the printed-circuit board do not reduce this distance. Creepage and clearance on a printed-circuit board become
equal in certain cases. Techniques such as inserting grooves and/or ribs on a printed-circuit board are used to help increase these
specifications.
(2)
This coupler is suitable for basic electrical insulation only within the safety ratings. Compliance with the safety ratings shall be ensured
by means of suitable protective circuits.
(3)
Apparent charge is electrical discharge caused by a partial discharge (pd).
ISO3080, ISO3082, ISO3086, ISO3088
SLOS581J – MAY 2008 – REVISED AUGUST 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ISO3080 ISO3082 ISO3086 ISO3088



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com