Electronic Components Datasheet Search
  English  ▼

X  

ISO3080 Datasheet(PDF) 1 Page - Texas Instruments

Part # ISO3080
Description  ISO308x Isolated 5-V Full- and Half-Duplex RS-485 Transceivers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO3080 Datasheet(HTML) 1 Page - Texas Instruments

  ISO3080 Datasheet HTML 1Page - Texas Instruments ISO3080 Datasheet HTML 2Page - Texas Instruments ISO3080 Datasheet HTML 3Page - Texas Instruments ISO3080 Datasheet HTML 4Page - Texas Instruments ISO3080 Datasheet HTML 5Page - Texas Instruments ISO3080 Datasheet HTML 6Page - Texas Instruments ISO3080 Datasheet HTML 7Page - Texas Instruments ISO3080 Datasheet HTML 8Page - Texas Instruments ISO3080 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
ISO308x Isolated 5-V Full- and Half-Duplex RS-485 Transceivers
1 Features
• Meets or exceeds TIA/EIA RS-485 requirements
• Signaling rates up to 20 Mbps
• 1/8 unit load – up to 256 nodes on a bus
• Thermal shutdown protection
• Low bus capacitance – 16 pF (typical)
• 50 kV/μs typical transient immunity
• Fail-safe receiver for bus open, short, idle
• 3.3-V inputs are 5-V tolerant
• Bus-pin ESD protection
– 12-kV HBM between bus pins and GND2
– 6-kV HBM between bus pins and GND1
• Safety-related certifications:
– 4000-VPK basic insulation, 560 VPK VIORM per
DIN EN IEC 60747-17 (VDE 0884-17)
– 2500 VRMS isolation per UL 1577
– 4000 VPK isolation per CSA 62368-1
2 Applications
• Security systems
• Chemical production
• Factory automation
• Motor and motion control
• HVAC and building automation networks
• Networked security stations
3 Description
The ISO3080 and ISO3086 devices are isolated full-
duplex differential line drivers and receivers while
the ISO3082 and ISO3088 devices are isolated
half-duplex differential line transceivers for TIA/EIA
485/422 applications.
These devices are ideal for long transmission lines
because the ground loop is broken to allow for a much
larger common-mode voltage range. The symmetrical
isolation barrier of the device is tested to provide 2500
VRMS of isolation for 60 s per UL 1577 between the
bus-line transceiver and the logic-level interface.
Any cabled I/O can be subjected to electrical
noise transients from various sources. These noise
transients can cause damage to the transceiver or
nearby sensitive circuitry if they are of sufficient
magnitude and duration. These isolated devices can
significantly increase protection and reduce the risk of
damage to expensive control circuits.
The ISO3080, ISO3082, ISO3086, and ISO3088
device are qualified for use from –40°C to +85°C.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ISO3080
SOIC (16)
10.30 mm × 7.50 mm
ISO3082
ISO3086
ISO3088
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
DE
5
D
6
R
3
4
RE
Y
Z
B
A
14
11
12
13
ISO3080, IOS3086 Function Diagram
D
R
B
A
13
12
DE
6
5
3
4
RE
ISO3082, IOS3088 Function Diagram
ISO3080, ISO3082, ISO3086, ISO3088
SLOS581J – MAY 2008 – REVISED AUGUST 2023
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ISO3080

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO3080 TI-ISO3080 Datasheet
682Kb / 18P
ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3080 TI-ISO3080 Datasheet
628Kb / 19P
ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3080 TI-ISO3080 Datasheet
633Kb / 19P
ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3080 TI1-ISO3080 Datasheet
604Kb / 20P
ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
JANUARY2011
ISO3080DW TI-ISO3080DW Datasheet
682Kb / 18P
ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
More results

Similar Description - ISO3080

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO15 TI-ISO15_08 Datasheet
727Kb / 20P
ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3080 TI-ISO3080 Datasheet
682Kb / 18P
ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Renesas Technology Corp
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Texas Instruments
ISO3080 TI-ISO3080_09 Datasheet
628Kb / 19P
ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3080 TI-ISO3080_10 Datasheet
633Kb / 19P
ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
ISO3080 TI1-ISO3080_11 Datasheet
604Kb / 20P
ISOLATED 5-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
JANUARY2011
ISO15MDWR TI1-ISO15MDWR Datasheet
1,010Kb / 24P
ISOLATED 3.3-V HALF AND FULL-DUPLEX RS-485 TRANSCEIVERS
logo
Analog Devices
ADM4850 AD-ADM4850_15 Datasheet
446Kb / 16P
5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
logo
Texas Instruments
ISO3080 TI1-ISO3080_15 Datasheet
1Mb / 31P
Isolated 5-V Full- and Half-Duplex RS-485 Transceivers
ISO15 TI-ISO15 Datasheet
1Mb / 32P
ISOx5 Isolated 3.3-V Half- and Full-Duplex RS-485 Transceivers
MARCH 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com