Electronic Components Datasheet Search
  English  ▼

X  

ISO3080 Datasheet(PDF) 13 Page - Texas Instruments

Part # ISO3080
Description  ISO308x Isolated 5-V Full- and Half-Duplex RS-485 Transceivers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO3080 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ISO3080 Datasheet HTML 9Page - Texas Instruments ISO3080 Datasheet HTML 10Page - Texas Instruments ISO3080 Datasheet HTML 11Page - Texas Instruments ISO3080 Datasheet HTML 12Page - Texas Instruments ISO3080 Datasheet HTML 13Page - Texas Instruments ISO3080 Datasheet HTML 14Page - Texas Instruments ISO3080 Datasheet HTML 15Page - Texas Instruments ISO3080 Datasheet HTML 16Page - Texas Instruments ISO3080 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
6.14 Typical Characteristics
Data Rate (kbps)
0
50
100
150
200
0
10
20
30
40
50
60
70
ICC1 at VCC = 3.3 V
ICC2 at VCC = 5 V
Figure 6-2. ISO3080 Supply Current vs Data Rate With Load
Data Rate (kbps)
0
50
100
150
200
0
5
10
15
20
ICC1 at VCC = 3.3 V
ICC2 at VCC = 5 V
Figure 6-3. ISO3080 Supply Current vs Data Rate With No Load
Data Rate (kbps)
0
50
100
150
200
0
10
20
30
40
50
60
70
ICC1 at VCC = 3.3 V
ICC2 at VCC = 5 V
Figure 6-4. ISO3082 Supply Current vs Data Rate With Load
Data Rate (kbps)
0
50
100
150
200
0
5
10
15
20
ICC1 at VCC = 3.3 V
ICC2 at VCC = 5 V
Figure 6-5. ISO3082 Supply Current vs Data Rate With No Load
Data Rate (kbps)
0
50
100
150
200
0
10
20
30
40
50
60
70
ICC1 at VCC = 3.3 V
ICC2 at VCC = 5 V
Figure 6-6. ISO3086 Supply Current vs Data Rate With Load
Data Rate (kbps)
0
50
100
150
200
0
10
20
30
ICC1 at VCC = 3.3 V
ICC2 at VCC = 5 V
Figure 6-7. ISO3086 Supply Current vs Data Rate With No Load
www.ti.com
ISO3080, ISO3082, ISO3086, ISO3088
SLOS581J – MAY 2008 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: ISO3080 ISO3082 ISO3086 ISO3088



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com