Electronic Components Datasheet Search
  English  ▼

X  

ISO3080 Datasheet(PDF) 4 Page - Texas Instruments

Part # ISO3080
Description  ISO308x Isolated 5-V Full- and Half-Duplex RS-485 Transceivers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO3080 Datasheet(HTML) 4 Page - Texas Instruments

  ISO3080 Datasheet HTML 1Page - Texas Instruments ISO3080 Datasheet HTML 2Page - Texas Instruments ISO3080 Datasheet HTML 3Page - Texas Instruments ISO3080 Datasheet HTML 4Page - Texas Instruments ISO3080 Datasheet HTML 5Page - Texas Instruments ISO3080 Datasheet HTML 6Page - Texas Instruments ISO3080 Datasheet HTML 7Page - Texas Instruments ISO3080 Datasheet HTML 8Page - Texas Instruments ISO3080 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
5 Pin Configuration and Functions
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
R
RE
D
GND1
Y
V
CC2
B
Z
A
GND2
DE
V
CC1
GND1
GND2
GND2
GND1
Figure 5-1. ISO3080 and ISO3086 DW Package 16-
Pin SOIC Top View
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
R
RE
D
GND1
NC
V
CC2
B
A
NC
GND2
DE
V
CC1
GND1
GND2
GND2
GND1
Figure 5-2. ISO3082 and ISO3088 DW Package 16-
Pin SOIC Top View
Table 5-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
ISO3080,
ISO3086
ISO3082,
ISO3088
A
14
—
I
Receiver noninverting input on the bus-side
—
12
I/O
Transceiver noninverting Input or output (I/O) on the bus-side
B
13
—
I
Receiver inverting Input on the bus-side
—
13
I/O
Transceiver inverting input or output (I/O) on the bus-side
D
6
6
I
Driver input
DE
5
5
I
Enables (when high) or disables (when low or open) driver output of ISO308x
GND1
2
2
—
Ground connection for VCC1
7
7
8
8
GND2
9
9
—
Ground connection for VCC2
10
10
15
15
NC
—
11
—
No connect
14
R
3
3
O
Receiver output
RE
4
4
I
Disables (when high or open) or enables (when low) receiver output of ISO308x
VCC1
1
1
—
Power supply, VCC1
VCC2
16
16
—
Power supply, VCC2
Y
11
—
O
Driver noninverting output
Z
12
—
O
Driver inverting output
ISO3080, ISO3082, ISO3086, ISO3088
SLOS581J – MAY 2008 – REVISED AUGUST 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ISO3080 ISO3082 ISO3086 ISO3088



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com