Electronic Components Datasheet Search
  English  ▼

X  

ISO3080 Datasheet(PDF) 11 Page - Texas Instruments

Part # ISO3080
Description  ISO308x Isolated 5-V Full- and Half-Duplex RS-485 Transceivers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO3080 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ISO3080 Datasheet HTML 7Page - Texas Instruments ISO3080 Datasheet HTML 8Page - Texas Instruments ISO3080 Datasheet HTML 9Page - Texas Instruments ISO3080 Datasheet HTML 10Page - Texas Instruments ISO3080 Datasheet HTML 11Page - Texas Instruments ISO3080 Datasheet HTML 12Page - Texas Instruments ISO3080 Datasheet HTML 13Page - Texas Instruments ISO3080 Datasheet HTML 14Page - Texas Instruments ISO3080 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
6.11 Switching Characteristics: Driver
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ALL DEVICES
tPHL, tPLH Propagation delay
ISO3080/82, See Figure 14
0.7
1.3
µs
ISO3086/88, See Figure 14
25
45
ns
PWD
Pulse width distortion(1), |tPHL – tPLH|
ISO3080/82, See Figure 14
20
200
ns
ISO3086/88, See Figure 14
3
9
ns
tr, tf
Differential output rise time and fall time
ISO3080/82, See Figure 14
0.5
0.9
1.5
µs
ISO3086/88, See Figure 14
7
15
ns
tPZH, tPZL
Propagation delay,
high-impedance-tohigh-level output and
high-impedance-tolow-level output
ISO3080/82, See Figure 15 and Figure
16, DE at 0 V, 50% Vo
2.5
7
µs
ISO3080/82, See Figure 15 and Figure
16, DE at 0 V, 90% Vo
1.8
µs
ISO3086/88, See Figure 15 and 16
25
55
ns
tPHZ, tPLZ
Propagation delay,
high-level-to-highimpedance output
and low-level to highimpedance output
ISO3080/28, See Figure 15 and 16
95
225
ns
ISO3086/88, See Figure 15 and 16
25
55
ns
(1)
Also known as pulse skew.
6.12 Switching Characteristics: Receiver
All typical specs are at VCC1=3.3V, VCC2=5V, TA=27°C, (Min/Max specs are over recommended operating conditions unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ALL DEVICES
tr, tf
Differential output rise time and fall time
See Figure 18
1
ns
tPHL, tPLH Propagation delay
90
125
ns
PWD
Pulse width distortion(1), |tPHL – tPLH|
ISO3080/82 See Figure 18
4
20
ns
PWD
Pulse width distortion(1) |tPHL – tPLH|
ISO3086/88 See Figure 18
4
12
ns
tPHZ, tPZH
Propagation delay, high-level-tohigh-
impedance output and highimpedance-to-
high-level output
See Figure 19
22
ns
tPZL, tPLZ
Propagation delay, highimpedance-to-
low-level output
and low-level-to-high-impedance
output
See Figure 20
22
ns
(1)
Also known as pulse skew
www.ti.com
ISO3080, ISO3082, ISO3086, ISO3088
SLOS581J – MAY 2008 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: ISO3080 ISO3082 ISO3086 ISO3088



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com