Electronic Components Datasheet Search
  English  ▼

X  

ISO3080 Datasheet(PDF) 24 Page - Texas Instruments

Part # ISO3080
Description  ISO308x Isolated 5-V Full- and Half-Duplex RS-485 Transceivers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO3080 Datasheet(HTML) 24 Page - Texas Instruments

Back Button ISO3080 Datasheet HTML 20Page - Texas Instruments ISO3080 Datasheet HTML 21Page - Texas Instruments ISO3080 Datasheet HTML 22Page - Texas Instruments ISO3080 Datasheet HTML 23Page - Texas Instruments ISO3080 Datasheet HTML 24Page - Texas Instruments ISO3080 Datasheet HTML 25Page - Texas Instruments ISO3080 Datasheet HTML 26Page - Texas Instruments ISO3080 Datasheet HTML 27Page - Texas Instruments ISO3080 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
10 Power Supply Recommendations
To help ensure reliable operation at all data rates and supply voltages, a 0.1-μF bypass capacitor is
recommended at the input and output supply pins (VCC1 and VCC2). The capacitors should be placed as close
to the supply pins as possible. If only a single primary-side power supply is available in an application, isolated
power can be generated for the secondary-side with the help of a transformer driver such as Texas Instruments'
SN6501. For such applications, detailed power supply design and transformer selection recommendations are
available in SN6501 Transformer Driver for Isolated Power Supplies.
11 Layout
11.1 Layout Guidelines
ON-chip IEC-ESD protection is good for laboratory and portable equipment but never sufficient for EFT and
surge transients occurring in industrial environments. Therefore, robust and reliable bus node design requires
the use of external transient protection devices. Because ESD and EFT transients have a wide frequency
bandwidth from approximately 3-MHz to 3-GHz, high-frequency layout techniques must be applied during PCB
design. A minimum of four layers is required to accomplish a low EMI PCB design (see Figure 11-1).
• Layer stacking should be in the following order (top-to-bottom): high-speed signal layer, ground plane, power
plane, and low-frequency signal layer.
• Routing the high-speed traces on the top layer avoids the use of vias (and the introduction of their
inductances) and allows for clean interconnects between the isolator and the transmitter and receiver circuits
of the data link.
• Placing a solid ground plane next to the high-speed signal layer establishes controlled impedance for
transmission line interconnects and provides an excellent low-inductance path for the return current flow.
• Placing the power plane next to the ground plane creates additional high-frequency bypass capacitance of
approximately 100 pF/in2.
• Routing the slower speed control signals on the bottom layer allows for greater flexibility as these signal links
usually have margin to tolerate discontinuities such as vias.
• Place the protection circuitry close to the bus connector to prevent noise transients from penetrating your
board.
• Use VCC and ground planes to provide low-inductance. High-frequency currents might follow the path of least
inductance and not necessarily the path of least resistance.
• Design the protection components into the direction of the signal path. Do not force the transient currents to
divert from the signal path to reach the protection device.
• Apply 0.1-µF bypass capacitors as close as possible to the VCC-pins of transceiver, UART, and controller ICs
on the board.
• Use at least two vias for VCC and ground connections of bypass capacitors and protection devices to
minimize effective via-inductance.
• Use 1-kΩ to 10-kΩ pullup and pulldown resistors for enable lines to limit noise currents in these lines during
transient events.
• Insert pulse-proof resistors into the A and B bus lines if the TVS clamping voltage is higher than the specified
maximum voltage of the transceiver bus pins. These resistors limit the residual clamping current into the
transceiver and prevent it from latching up.
• While pure TVS protection is sufficient for surge transients up to 1 kV, higher transients require metal-oxide
varistors (MOVs) which reduce the transients to a few hundred volts of clamping voltage, and transient
blocking units (TBUs) that limit transient current to less than 1 mA.
ISO3080, ISO3082, ISO3086, ISO3088
SLOS581J – MAY 2008 – REVISED AUGUST 2023
www.ti.com
24
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ISO3080 ISO3082 ISO3086 ISO3088



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com