Electronic Components Datasheet Search
  English  ▼

X  

ISO3080 Datasheet(PDF) 8 Page - Texas Instruments

Part # ISO3080
Description  ISO308x Isolated 5-V Full- and Half-Duplex RS-485 Transceivers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO3080 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISO3080 Datasheet HTML 4Page - Texas Instruments ISO3080 Datasheet HTML 5Page - Texas Instruments ISO3080 Datasheet HTML 6Page - Texas Instruments ISO3080 Datasheet HTML 7Page - Texas Instruments ISO3080 Datasheet HTML 8Page - Texas Instruments ISO3080 Datasheet HTML 9Page - Texas Instruments ISO3080 Datasheet HTML 10Page - Texas Instruments ISO3080 Datasheet HTML 11Page - Texas Instruments ISO3080 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
6.8 Electrical Characteristics: Driver
All typical specs are at VCC1=3.3V, VCC2=5V, TA=27°C, (Min/Max specs are over recommended operating conditions unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
|VOD|
Driver differential-output voltage
magnitude
IO = 0 mA, no load
3
4.3
VCC2
V
RL = 54 Ω, See Figure 11
1.5
2.3
V
RL = 100 Ω (RS-422), See Figure 11
2
2.3
V
Vtest from –7 V to +12 V, See Figure 12
1.5
V
Δ|VOD|
Change in differential output voltage
between two states
See Figure 11 and Figure 12
–200
200
mV
VOC
Common-mode output voltage
See Figure 13
1
2.6
3
V
ΔVOC(SS)
change in steady-state common-mode
output voltage between two states
See Figure 13
–100
100
mV
VOC(PP)
Peak-to-peak common-mode output
voltage
See Figure 13
0.5
V
II
Input current
D, DE, VI at 0 V or VCC1
–10
10
µA
IOZ
High-impedance state output current
ISO3082, ISO3088
See the
receiver
bias input
current
parameter
ISO3080, ISO3086; VY or VZ = 12 V, VCC = 0 V or 5
V, DE = 0 V, Other input at 0 V
1
µA
ISO3080, ISO3086; VY or VZ = -7 V, VCC = 0 V or 5
V, DE = 0 V, Other input at 0 V
-1
µA
IOS
Short-circuit output current
VA or VB at –7 V, Other input at 0 V
–200
200
mA
VA or VB at 12 V, Other input at 0 V
–200
200
mA
CMTI
Common-mode transient immunity
VI = VCC or 0 V, See Figure 14 and Figure 15
25
50
kV/µs
6.9 Electrical Characteristics: Receiver
All typical specs are at VCC1=3.3V, VCC2=5V, TA=27°C, (Min/Max specs are over recommended operating conditions unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIT+
Positive-going input threshold voltage
IO = –8 mA
-85
–10
mV
VIT–
Negative-going input threshold
voltage
IO = 8 mA
–200
-115
mV
Vhys
Input hysteresis (VIT+ – VIT–)
30
mV
VOH
High-level output voltage
VID = 200 mV, IO = -8 mA, 3.3 V VCC1
VCC1 – 0.4
3.1
V
High-level output voltage
VID = 200 mV, IO = -8 mA, 5 V VCC1
4
4.8
V
VOL
Low-level output voltage
VID = –200 mV, IO = 8 mA, 3.3 V VCC1
0.15
0.4
V
Low-level output voltage
VID = –200 mV, IO = 8 mA, 5 V VCC1
0.15
0.4
V
IO(Z)
Output high-impedance current on
the R pin
VI = –7 to 12 V, Other input = 0 V
–1
1
µA
ISO3080, ISO3082, ISO3086, ISO3088
SLOS581J – MAY 2008 – REVISED AUGUST 2023
www.ti.com
8
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: ISO3080 ISO3082 ISO3086 ISO3088



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com