Electronic Components Datasheet Search
  English  ▼

X  

ISO3080 Datasheet(PDF) 5 Page - Texas Instruments

Part # ISO3080
Description  ISO308x Isolated 5-V Full- and Half-Duplex RS-485 Transceivers
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO3080 Datasheet(HTML) 5 Page - Texas Instruments

  ISO3080 Datasheet HTML 1Page - Texas Instruments ISO3080 Datasheet HTML 2Page - Texas Instruments ISO3080 Datasheet HTML 3Page - Texas Instruments ISO3080 Datasheet HTML 4Page - Texas Instruments ISO3080 Datasheet HTML 5Page - Texas Instruments ISO3080 Datasheet HTML 6Page - Texas Instruments ISO3080 Datasheet HTML 7Page - Texas Instruments ISO3080 Datasheet HTML 8Page - Texas Instruments ISO3080 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VCC (2)
Supply voltage, VCC1, VCC2
-0.3
6
V
VO
Voltage at any bus I/O terminal
-9
14
V
VIT
Voltage input, transient pulse, A, B, Y, and Z
(through 100Ω, see Figure 21)
-50
50
V
VI
Voltage input at any D, DE or RE terminal
-0.5
6
V
IO
Receiver output current
-10
10
mA
TJ
Junction temperature
150
℃
TSTG
Storage temperature
-65
150
℃
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
All voltage values except differential I/O bus voltages are with respect to network ground terminal and are peak voltage values.
6.2 ESD Ratings
VALUE
UNIT
V(ESD) Electros
tatic discharge
Human body model (HBM), per ANSI/
ESDA/JEDEC JS-001(1)
Bus pins and GND1
±6000
V
Bus pins and GND2
±12000
V
All pins
±4000
V
Charged device model (CDM), per
JEDEC specification JESD22-C101, all
pins(2)
±1000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
MIN
TYP
MAX
UNIT
VCC1
Logic-side supply voltage
3.15
5.5
V
VCC2
Bus-side supply voltage
4.5
5
5.5
V
VOC
Voltage at either bus I/O pin A, B
-7
12
V
VIH
High-level input voltage (D, DE, RE inputs)
2
VCC
V
VIL
Low-level input voltage (D, DE, RE inputs)
0
0.8
V
VID
Differential input voltage, A with respect to B
-12
12
V
VID
Differential input voltage, Dynamic (ISO3086)
See Figure 10
V
RL
Differential load resistance
54
60
Ω
IO
Output current, Driver
-60
60
mA
IO
Output current, Receiver
-8
8
mA
TA
Operating ambient temperature (ISO15 and ISO35)
-40
85
°C
www.ti.com
ISO3080, ISO3082, ISO3086, ISO3088
SLOS581J – MAY 2008 – REVISED AUGUST 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: ISO3080 ISO3082 ISO3086 ISO3088



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com