Electronic Components Datasheet Search
  English  ▼

X  

AD8340 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8340
Description  700 MHz to 1000 MHz RF Vector Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8340 Datasheet(HTML) 5 Page - Analog Devices

  AD8340 Datasheet HTML 1Page - Analog Devices AD8340 Datasheet HTML 2Page - Analog Devices AD8340 Datasheet HTML 3Page - Analog Devices AD8340 Datasheet HTML 4Page - Analog Devices AD8340 Datasheet HTML 5Page - Analog Devices AD8340 Datasheet HTML 6Page - Analog Devices AD8340 Datasheet HTML 7Page - Analog Devices AD8340 Datasheet HTML 8Page - Analog Devices AD8340 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
AD8340
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
DSOP
VPS2
IBBM
IBBP
IFLM
IFLP
VPS2
NOTES
1. THE EXPOSED PAD MUST BE CONNECTED TO GROUND
VIA A LOW IMPEDANCE PATH.
VPS2
QBBM
QBBP
QFLM
QFLP
2
1
3
4
5
6
18
17
16
15
14
13
AD8340
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1; 2
QFLP; QFLM
Q Baseband Input Filter Pins. Connect optional capacitor to reduce Q baseband channel low-pass
corner frequency.
3; 4
QBBP; QBBM
Q Channel Differential Baseband Inputs.
5, 6, 14; 19, 24
VPS2; VPRF
Positive Supply Voltage, 4.75 V to 5.25 V.
7, 8, 11, 12; 20, 23
CMOP; CMRF
Device Common. Connect via lowest possible impedance to external circuit common.
9; 10
RFOP; RFOM
Differential RF Outputs. Must be ac-coupled. Differential impedance 50 Ω nominal.
13
DSOP
Output Disable. Pull high to disable output stage.
15; 16
IBBM; IBBP
I Channel Differential Baseband Inputs.
17; 18
IFLM; IFLP
I Baseband Input Filter Pins. Connect optional capacitor to reduce I baseband channel low-pass
corner frequency.
21; 22
RFIM; RFIP
Differential RF Inputs. Must be ac-coupled. Differential impedance 50 Ω nominal.
EPAD
Exposed Pad. The exposed pad must be connected to ground via a low impedance path.
Rev. C | Page 5 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com