Electronic Components Datasheet Search
  English  ▼

X  

AD8340 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8340
Description  700 MHz to 1000 MHz RF Vector Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8340 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8340 Datasheet HTML 10Page - Analog Devices AD8340 Datasheet HTML 11Page - Analog Devices AD8340 Datasheet HTML 12Page - Analog Devices AD8340 Datasheet HTML 13Page - Analog Devices AD8340 Datasheet HTML 14Page - Analog Devices AD8340 Datasheet HTML 15Page - Analog Devices AD8340 Datasheet HTML 16Page - Analog Devices AD8340 Datasheet HTML 17Page - Analog Devices AD8340 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD8340
Data Sheet
INTERFACING TO HIGH SPEED DACs
The AD977x family of dual DACs is well suited for driving the
I and Q vector controls of the AD8340. While these inputs can
in general be driven by any DAC, the differential outputs and
bias level of the Analog Devices TxDAC® family allow for a
direct connection between DAC and modulator.
The AD977x family of dual DACs has differential current
outputs. The full-scale current is user programmable and is
usually set to 20 mA, that is, each output swings from 0 mA
to 20 mA.
The basic interface between the AD9777 DAC outputs and the
AD8340 I and Q inputs is shown in Figure 33. The resistors R1
and R2 set the dc bias level according to the equation:
Bias Level = Average Output Current × R1
For example, if the full-scale current from each output is 20 mA,
each output will have an average current of 10 mA. Therefore,
to set the bias level to the recommended 0.5 V, R1 and R2
should be set to 50 Ω each. R1 and R2 should always be equal.
If R3 is omitted, this results in an available swing from the DAC
of 2 V p-p differential, which is twice the maximum voltage
range required by the AD8340. DAC resolution can be
maximized by adding R3, which scales down this voltage
according to the following equation:
(
)
(
)
+
−
×
+
×
=
−
R3
R2
R2
R3
R2
R1
I
Swing
Scale
Full
MAX
1
2
OPTIONAL
LOW-PASS
FILTER
R1
R2
R3
IOUTB2
IOUTA2
QBBM
QBBP
IOUTB1
IOUTA1
IBBM
IBBP
AD9777
AD8340
OPTIONAL
LOW-PASS
FILTER
R1
R2
R3
Figure 33. Basic AD9777 to AD8340 Interface
R3
130
50 55 60 65 70 75 80 85 90
100 105
115 120
110
125
95
1.15
1.08
1.10
1.13
1.00
1.02
1.05
0.95
0.97
0.88
0.90
0.92
0.77
0.80
0.82
0.85
0.70
0.75
0.72
Figure 34. Peak-to-Peak DAC Output Swing vs.
Swing Scaling Resistor R3 (R1 = R2 = 50 Ω)
Figure 34 shows the relationship between the value of R3 and
the peak baseband voltage with R1 and R2 equal to 50 Ω. Figure 34
shows that a value of 100 Ω for R3 provides a peak-to-peak
swing of 1 V p-p differential into the AD8340 I and Q inputs.
When using a DAC, low-pass image reject filters are typically
used to eliminate the Nyquist images produced by the DAC.
They also provide the added benefit of eliminating broadband
noise that might feed into the modulator from the DAC.
CDMA2000 APPLICATION
To test the compliance to the CDMA2000 base station standard,
a single-carrier CDMA2000 test model signal (forward pilot, sync,
paging, and six traffic as per 3GPP2 C.S0010-B, Table 6.5.2.1)
was applied to the AD8340. A cavity-tuned filter was used to
reduce noise from the signal source being applied to the device.
The 4.6 MHz pass band of this filter is apparent in the
subsequent spectral plots (see Figure 35 to Figure 38).
Figure 35 shows a plot of the spectrum of the output signal
under nominal conditions. POUT is equal to −5 dBm and VI = VQ
= 0.353 V, that is, VIBBP − VIBBM = VQBBP − VQBBM =
0.353 V. Adjacent channel power is measured in 30 kHz
resolution bandwidth at 750 kHz and 1.98 MHz carrier offset.
Noise floor is measured at ±4 MHz carrier offset.
Rev. C | Page 14 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com