Electronic Components Datasheet Search
  English  ▼

X  

AD8340 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8340
Description  700 MHz to 1000 MHz RF Vector Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8340 Datasheet(HTML) 3 Page - Analog Devices

  AD8340 Datasheet HTML 1Page - Analog Devices AD8340 Datasheet HTML 2Page - Analog Devices AD8340 Datasheet HTML 3Page - Analog Devices AD8340 Datasheet HTML 4Page - Analog Devices AD8340 Datasheet HTML 5Page - Analog Devices AD8340 Datasheet HTML 6Page - Analog Devices AD8340 Datasheet HTML 7Page - Analog Devices AD8340 Datasheet HTML 8Page - Analog Devices AD8340 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
AD8340
SPECIFICATIONS
VS = 5 V, TA = 25°C, ZO = 50 Ω, f = 880 MHz, single-ended, ac-coupled source drive to RFIP through 5.6 nH series inductor, RFIM
ac-coupled through 5.6 nH series inductor to common, differential-to-single-ended conversion at output using 1:1 balun.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
OVERALL FUNCTION
Frequency Range
700
1000
MHz
Maximum Gain
Maximum gain setpoint for all phase setpoints
−2
dB
Minimum Gain
VBBI = VBBQ = 0 V
−32
dB
Gain Control Range
Relative to maximum gain
30
dB
Phase Control Range
Over 30 dB control range
360
Degrees
Gain Flatness
Over any 60 MHz bandwidth
0.25
dB
Group Delay Flatness
Over any 60 MHz bandwidth
10
ps
RF INPUT STAGE
RFIM, RFIP (Pin 21 and Pin 22)
Input Return Loss
From RFIP to CMRF (with 5.6 nH series inductors)
20
dB
CARTESIAN CONTROL INTERFACE (I and Q)
IBBP, IBBM, QBBP, QBBM (Pin 16, Pin 15, Pin 3, Pin 4)
Gain Scaling
2
1/V
Modulation Bandwidth
250 mV p-p sinusoidal baseband input single-ended
230
MHz
Second Harmonic Distortion
250 mV p-p, 1 MHz, sinusoidal baseband input differential
47
dBc
Third Harmonic Distortion
250 mV p-p, 1 MHz, sinusoidal baseband input differential
45
dBc
Step Response
For gain setpoint from 0.1 to 0.9
(VBBP = 0.5 V, VBBM = 0.55 V to 0.95 V)
45
ns
For gain setpoint from 0.9 to 0.1
(VBBP = 0.5 V, VBBM = 0.95 V to 0.55 V)
47
ns
RF OUTPUT STAGE
RFOP, RFOM (Pin 9 and Pin 10)
Output Return Loss
Measured through balun
7.5
dB
f = 880 MHz
Gain
Maximum gain setpoint
−2
dB
Output Noise Floor
Maximum gain setpoint, no input
−149
dBm/Hz
PIN = 0 dBm, frequency offset = 20 MHz
−147
dBm/Hz
Output IP3
f1 = 880 MHz, f2 = 877.5 MHz, maximum gain setpoint
24
dBm
ACPR
IS-95, single carrier, POUT = 0 dBm, maximum gain,
phase setpoint = 45°
62
dBc
Output 1 dB Compression Point
Maximum gain
11
dBm
POWER SUPPLY
VPS2 (Pin 5, Pin 6, Pin 14); RFOP, RFOM (Pin 9 and Pin 10)
Positive Supply Voltage
4.75
5
5.25
V
Total Supply Current
Includes load current
110
130
150
mA
OUTPUT DISABLE
DSOP (Pin 13)
Disable Threshold
2.5
V
Maximum Attenuation
DSOP = 5 V
40
dB
Enable Response Time
Delay following high-to-low transition until device
meets full specifications
15
ns
Disable Response Time
Delay following low-to-high transition until device
produces full attenuation
10
ns
Rev. C | Page 3 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com