Electronic Components Datasheet Search
  English  ▼

X  

AD8340 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8340
Description  700 MHz to 1000 MHz RF Vector Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8340 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8340 Datasheet HTML 3Page - Analog Devices AD8340 Datasheet HTML 4Page - Analog Devices AD8340 Datasheet HTML 5Page - Analog Devices AD8340 Datasheet HTML 6Page - Analog Devices AD8340 Datasheet HTML 7Page - Analog Devices AD8340 Datasheet HTML 8Page - Analog Devices AD8340 Datasheet HTML 9Page - Analog Devices AD8340 Datasheet HTML 10Page - Analog Devices AD8340 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
AD8340
GAIN SETPOINT
0
0.3
0.5
0.9
1.0
0.8
0.7
0.6
0.4
0.2
0.1
–142
–143
–152
–144
–145
–146
–147
–148
–149
–150
–151
NO RF INPUT
RF PIN = +5dBm
RF PIN = –5dBm
RF PIN = 0dBm
Figure 9. Output Noise Floor vs. Gain, Noise in dBm/Hz, No Carrier,
With Carrier (20 MHz Offset) PIN = −5 dBm, 0 dBm, and +5 dBm
FREQUENCY (MHz)
0
–14
–20
–2
–12
–16
–18
–4
–8
–6
–10
–22
–24
700
1000
950
900
850
800
750
GAIN SETPOINT = 1.0
GAIN SETPOINT = 0.5
GAIN SETPOINT = 0.1
Figure 10. Gain vs. Frequency at Different Gain Setpoints
(700 MHz to 1000 MHz), Phase Setpoint = 0°
RF FREQUENCY (MHz)
700
750
800
850
1000
900
950
–145
–146
–152
–147
–148
–149
–150
–151
Figure 11. Output Noise Floor vs. Frequency, Maximum Gain,
No RF Carrier, Phase Setpoint = 0°
FREQUENCY (MHz)
700
750
800
850
1000
900
950
0
–0.5
–2.5
–1.0
–1.5
–2.0
Figure 12. Gain Flatness vs. Frequency, Maximum Gain, Phase Setpoint = 0°
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
100
200
300
400
500
600
700
800
900
1000
DIFFERENTIAL BASEBAND INPUT LEVEL (mV p-p)
(I OR Q CHANNEL DRIVEN AT 1MHz)
FUNDAMENTAL POWER, 879MHz, 881MHz
SECOND BASEBAND HARMONIC PRODUC T,
878MHz, 882MHz
THIRD BASEBAND HARMONIC PRODUC T,
877MHz, 883MHz
Figure 13. Baseband Harmonic Distortion
(I and Q Channel, RF Input = 0 dBm,
Balun and Cable Losses of Approximately 2 dB Not Accounted for in Plot)
FREQUENCY (MHz)
700
750
800
850
1000
900
950
14
12
0
10
8
6
4
2
TEMP = –40°C
TEMP = +85°C
TEMP = +25°C
Figure 14. Output 1 dB Compression Point vs. Frequency and Temperature,
Maximum Gain, Phase Setpoint = 0°
Rev. C | Page 7 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com