Electronic Components Datasheet Search
  English  ▼

X  

AD8340 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8340
Description  700 MHz to 1000 MHz RF Vector Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8340 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8340 Datasheet HTML 12Page - Analog Devices AD8340 Datasheet HTML 13Page - Analog Devices AD8340 Datasheet HTML 14Page - Analog Devices AD8340 Datasheet HTML 15Page - Analog Devices AD8340 Datasheet HTML 16Page - Analog Devices AD8340 Datasheet HTML 17Page - Analog Devices AD8340 Datasheet HTML 18Page - Analog Devices AD8340 Datasheet HTML 19Page - Analog Devices AD8340 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD8340
Data Sheet
SCHEMATIC AND ARTWORK
DSOP
VPS2
VPRF
CMRF
RFIM
RFIP
CMOP
CMOP
RFOM
RFOP
QFLP
CMOP
CMOP
CMRF
VPRF
IFLP
AD8340
C12
(OPEN)
C11
(OPEN)
C8
0.1µF
L3
5.6nH
C6
100pF
L4
5.6nH
C5
100pF
IBBM
IBBP
VP
RFIN
VP
QBBP
QBBM
L1
120nH
L2
120nH
C14
0.1µF
C10
0.1µF
C9
(OPEN)
VP
C18
100pF
C17
100pF
RFOP
B
A
C1
0.1µF
C7
(OPEN)
R5
0Ω
R4
0Ω
C3
0.1µF
C4
(OPEN)
T1
ETC1-1-13
M/A-COM
SW1
R8
10kΩ
R2
0Ω
C2
(OPEN)
VP
TEST POINT
GND
TEST POINT
DSOP
VS
R14
4kΩ
R11
2kΩ
R15
44kΩ
C15
0.1µF
W4
R21
0Ω
R19
0Ω
W3
R20
0Ω
R9
(OPEN)
R7
(OPEN)
C19
0.1µF
VS
R12
4kΩ
R10
2kΩ
R13
44kΩ
R6
0Ω
C16
0.1µF
W2
R17
0Ω
R16
0Ω
W1
R18
0Ω
R1
OPEN
R3
OPEN
C20
0.1µF
Figure 39. Evaluation Board Schematic
Rev. C | Page 18 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com