Electronic Components Datasheet Search
  English  ▼

X  

AD8340 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8340
Description  700 MHz to 1000 MHz RF Vector Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8340 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8340 Datasheet HTML 7Page - Analog Devices AD8340 Datasheet HTML 8Page - Analog Devices AD8340 Datasheet HTML 9Page - Analog Devices AD8340 Datasheet HTML 10Page - Analog Devices AD8340 Datasheet HTML 11Page - Analog Devices AD8340 Datasheet HTML 12Page - Analog Devices AD8340 Datasheet HTML 13Page - Analog Devices AD8340 Datasheet HTML 14Page - Analog Devices AD8340 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
AD8340
I-Q ATTENUATORS AND BASEBAND AMPLIFIERS
The proprietary linear-responding attenuator structure is an
active solution with differential inputs and outputs that offer
excellent linearity, low noise, and greater immunity from mis-
matches than other variable attenuator methods. The gain, in
linear terms, of the I and Q channels is proportional to its control
voltage with a scaling factor designed to be 2/V, that is, a full-scale
gain setpoint of 1.0 (−2 dB) for VBBI(Q) of 500 mV. The control
voltages can be driven differentially or single-endedly. The
combination of the baseband amplifiers and attenuators allows
for maximum modulation bandwidths in excess of 200 MHz.
OUTPUT AMPLIFIER
The output amplifier accepts the sum of the attenuator outputs
and delivers a differential output signal into the external load.
The output pins must be pulled up to an external supply,
preferably through RF chokes. When the 50 Ω load is taken
differentially, an OP1dB of 11 dBm and OIP3 of 24 dBm are
achieved at 880 MHz. The output can be taken in single-ended
fashion, albeit at lower performance levels.
NOISE AND DISTORTION
The output noise floor and distortion levels vary with the gain
magnitude but do not vary significantly with the phase. At the
higher gain magnitude setpoints, the OIP3 and the noise floor
vary in direct proportion with the gain. At lower gain magni-
tude setpoints, the noise floor levels off while the OIP3 continues
to vary with the gain.
GAIN AND PHASE ACCURACY
There are numerous ways to express the accuracy of the AD8340.
Ideally, the gain and phase should precisely follow the setpoints.
Figure 4 illustrates the gain error in decibels (dB) from a best fit
line, normalized to the gain measured at the gain setpoint = 1.0,
for the different phase setpoints. Figure 6 shows the gain error
in a different form; the phase setpoint is swept from 0° to 360°
for different gain setpoints. Figure 8 and Figure 22 show analo-
gous errors for the phase error as a function of gain and phase
setpoints. The accuracy clearly depends on the region of operation
within the vector gain unit circle. Operation very close to the
origin generally results in larger errors as the relative accuracy
of the I and Q vectors degrades.
RF FREQUENCY RANGE
The frequency range on the RF input is limited by the internal
polyphase quadrature phase-splitter. The phase-splitter splits
the incoming RF input into two signals, 90° out of phase, as
previously described in the RF Quadrature Generator section.
This polyphase network has been designed to ensure robust
quadrature accuracy over standard fabrication process
parameter variations for the 700 MHz to 1 GHz specified RF
frequency range. Using the AD8340 as a single-sideband
modulator and measuring the resulting sideband suppression is
a good gauge of how the quadrature accuracy is maintained
over RF frequency. A typical plot of sideband suppression from
500 MHz to 1.5 GHz is shown in Figure 28. The level of sideband
suppression degradation outside the 700 MHz to 1 GHz specified
range is subject to manufacturing process variations.
0
–5
–10
–15
–20
–25
–30
–35
500
1500
1400
1300
1200
1100
1000
900
800
600
700
FREQUENCY (MHz)
Figure 28. Sideband Suppression vs. Frequency
Rev. C | Page 11 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com