Electronic Components Datasheet Search
  English  ▼

X  

AD8340 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8340
Description  700 MHz to 1000 MHz RF Vector Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8340 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8340 Datasheet HTML 2Page - Analog Devices AD8340 Datasheet HTML 3Page - Analog Devices AD8340 Datasheet HTML 4Page - Analog Devices AD8340 Datasheet HTML 5Page - Analog Devices AD8340 Datasheet HTML 6Page - Analog Devices AD8340 Datasheet HTML 7Page - Analog Devices AD8340 Datasheet HTML 8Page - Analog Devices AD8340 Datasheet HTML 9Page - Analog Devices AD8340 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD8340
Data Sheet
TYPICAL PERFORMANCE CHARACTERISTICS
GAIN SETPOINT
0
0.3
0.5
0.9
1.0
0.8
0.7
0.6
0.4
0.2
0.1
0
–5
–40
–10
–15
–20
–25
–30
–35
PHASE SETPOINT = 180°
PHASE SETPOINT = 270°
PHASE SETPOINT = 90°
PHASE SETPOINT = 0°
Figure 3. Gain Magnitude vs. Gain Setpoint at Different Phase Setpoints,
RF Frequency = 880 MHz
GAIN SETPOINT
4
3
–6
–2
–3
–4
–5
0
–1
2
1
–7
0
0.1
1.0
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
PHASE SETPOINT = 180°
PHASE SETPOINT = 270°
PHASE SETPOINT = 315°
PHASE SETPOINT = 0°
PHASE SETPOINT = 90°
PHASE SETPOINT = 45°
PHASE SETPOINT = 135°
PHASE SETPOINT = 225°
Figure 4. Gain Conformance Error vs. Gain Setpoint at
Different Phase Setpoints
PHASE SETPOINT (Degrees)
0
–20
45
–2
–8
–12
–16
–18
–4
–6
–10
–14
–22
–24
315
270
360
180
90
135
225
0
GAIN SETPOINT = 0.1
GAIN SETPOINT = 0.5
GAIN SETPOINT = 1.0
Figure 5. Gain Magnitude vs. Phase Setpoint at Different Gain Setpoints
0.4
–1.6
0.2
–0.4
–0.8
–1.2
–1.4
0.0
–0.2
–0.6
–1.0
–1.8
–2.0
PHASE SETPOINT (Degrees)
45
315
270
360
180
90
135
225
0
GAIN SETPOINT = 0.1
GAIN SETPOINT = 0.5
GAIN SETPOINT = 1.0
Figure 6. Gain Conformance Error vs. Phase Setpoint at Different Gain
Setpoints
PHASE SETPOINT (Degrees)
360
150
60
330
180
120
90
300
240
270
210
30
0
0
30
60
90
120 150
180 210 240 270 300 330 360
GAIN SETPOINT = 1.0
GAIN SETPOINT = 0.1
GAIN SETPOINT = 0.5
Figure 7. Phase vs. Phase Setpoint at Different Gain Setpoints
PHASE SETPOINT (Degrees)
0
45
90
135
360
180
225
270
315
6
4
–12
2
0
–2
–4
–6
–8
–10
GAIN SETPOINT = 0.1
GAIN SETPOINT = 0.5
GAIN SETPOINT = 1.0
Figure 8. Phase Error vs. Phase Setpoint at Different Gain Setpoints
Rev. C | Page 6 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com