Electronic Components Datasheet Search
  English  ▼

X  

AD8340 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8340
Description  700 MHz to 1000 MHz RF Vector Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8340 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8340 Datasheet HTML 5Page - Analog Devices AD8340 Datasheet HTML 6Page - Analog Devices AD8340 Datasheet HTML 7Page - Analog Devices AD8340 Datasheet HTML 8Page - Analog Devices AD8340 Datasheet HTML 9Page - Analog Devices AD8340 Datasheet HTML 10Page - Analog Devices AD8340 Datasheet HTML 11Page - Analog Devices AD8340 Datasheet HTML 12Page - Analog Devices AD8340 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
AD8340
IMPEDANCE CIRCLE
S22 PORT WITH 1 TO 1 TRANSFORMER
SDD22 PORT DIFFERENTIAL
0
180
30
330
60
90
270
300
120
240
150
210
1.5GHz
1.5GHz
500MHz
500MHz
Figure 21. Output Impedance Smith Chart (with Frequency Markers)
GAIN SETPOINT
1.0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
6
4
2
0
–2
–4
–6
–8
–10
–12
–14
PHASE SETPOINT = 0°
PHASE SETPOINT = 45°
PHASE SETPOINT = 90°
Figure 22. Phase Error vs. Gain Setpoint by Phase Setpoint,
5 V DC, 25°C, 880 MHz
TEMPERATURE (°C)
135
127
20
134
130
129
128
133
132
131
126
40
30
125
60
70
80
50
–40 –30 –20 –10
0
10
5.25V
5V
4.75V
Figure 23. Supply Current vs. Temperature
DSOP VOLTAGE (V)
0
1.5
2.5
4.5
5.0
4.0
3.5
3.0
2.0
1.0
0.5
0
–5
–50
–10
–15
–20
–25
–30
–35
–40
–45
Figure 24. Power Shutdown Attenuation
CH1 200mVΩ
CH3 2.0V
M 10.0ns 5.0GS/s
A CH2
160mV
ET 200ps/pt 74.0ns
TIME (10ns/DIV)
TEK FAST ACQ SAMPLE
3
2V/DIV
200mV/DIV
RF OUTPUT
DSOP
Figure 25. Power Shutdown Response Time
Rev. C | Page 9 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com