Electronic Components Datasheet Search
  English  ▼

X  

AD8340 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8340
Description  700 MHz to 1000 MHz RF Vector Modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8340 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8340 Datasheet HTML 11Page - Analog Devices AD8340 Datasheet HTML 12Page - Analog Devices AD8340 Datasheet HTML 13Page - Analog Devices AD8340 Datasheet HTML 14Page - Analog Devices AD8340 Datasheet HTML 15Page - Analog Devices AD8340 Datasheet HTML 16Page - Analog Devices AD8340 Datasheet HTML 17Page - Analog Devices AD8340 Datasheet HTML 18Page - Analog Devices AD8340 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Data Sheet
AD8340
LVL
NOR
SPAN 10MHz
1MHz/DIV
CENTER 880MHz
–20
–40
–50
–60
–70
–80
–90
–100
–110
MARKER 2 [T1 NOI]
–148.76dBm/Hz
876.009615385MHz
*RBW 30kHz
*VBW 30kHz
*SWT 100ms
*ATT 5dB
BS, 1X, C0 : ADJ CHANNE L
REF –12dBm
–30
CH PWR
ACP LOW
ACP UP
ALT1 LOW
ALT1 UP
–5.17dBm
–60.94dB
–60.08dB
–86.40dB
–86.80dB
MARKER 1 [T1 NOI]
–148.89dBm/Hz
884.006410256MHz
SWP 50 OF 50
2
OFFSET 0.5 dB
1
Figure 35. Output Spectrum, Single-Carrier CDMA2000 Test Model at −5 dBm
VI = VQ = 0.353 V, ACP Measured at 750 kHz and 1.98 MHz Carrier Offset,
Noise Measured at ±4 MHz Carrier Offset, Input Signal Filtered Using a
Cavity Tuned Filter (Pass Band = 4.6 MHz)
Holding the I and Q control voltages steady at 0.353 V, input
power was swept. Figure 36 shows the resulting output power,
noise floor, and adjacent channel power ratio. Noise floor is
presented as noise in a 1 MHz bandwidth as defined by the
3GPP2 specification.
–30
–40
–50
–60
–70
–80
–90
–100
–30
5
0
–5
–10
–15
–20
–25
OUTPUT POWER (dBm)
–30
–90
–70
–60
–80
–50
–40
–100
ACP – 750kHz OFFSET, 30kHz RBW
ACP – 1.98MHz OFFSET, 30kHz RBW
NOISE – 4MHz OFFSET, 1MHz RBW
Figure 36. Noise and ACP vs. Output Power,
Single-Carrier CDMA2000 Test Model, VI = VQ = 0.353,
ACP Measured in 30 kHz RBW at ±750 kHz and ±1.98 MHz Carrier Offset,
Noise Measured at ±4 MHz Carrier Offset
The results show that at an output power of 3 dBm, ACP is still
in compliance with the standard (<−45 dBc at 750 MHz and
<−60 dBc at 1.98 MHz). At low output power levels, ACP at
1.98 MHz, carrier offset degrades as the noise floor of the
AD8340 becomes the dominant contributor to measured ACP.
Measured noise at 4 MHz carrier offset begins to increase
sharply above 0 dBm output power. This increase is not due to noise.
but results from increased carrier-induced distortion. As output
power drops below 0 dBm, the noise floor drops towards −90 dBm.
With a fixed input power of 2.4 dBm, the output power was
again swept by exercising the I and Q inputs. VI and VQ were
kept equal and were swept from 10 mV to 500 mV. The
resulting output power, ACP, and noise floor are shown in
Figure 37.
10
0
–10
–20
–30
–40
–50
–60
–70
0
50
100
150
200
250
300
350
400
450
500
VI = VQ =VIN (mV)
–50
–55
–60
–65
–70
–75
–80
–85
–90
POUT vs. VIN
ACP – 750kHz OFFSET, 30kHz RBW
NOISE – 4MHz OFFSET, 1MHz RBW
ACP – 1.98MHz OFFSET, 30kHz RBW
Figure 37. Output Power, Noise, and ACP vs. I and Q Control Voltages,
CDMA2000 Test Model, VI = VQ, ACP Measured in 30 kHz RBW at ±750 kHz
and ±1.98 MHz Carrier Offset, Noise Measured at ±4 MHz Carrier Offset
In contrast to Figure 36, Figure 37 shows that for a fixed input
power, ACP remains fairly constant as gain and phase are
changed (this is not true for very high input powers). The noise
floor still drops with decreasing gain, but it never reaches the
−90 dBm level shown in Figure 37.
Figure 38 shows the output spectrum for a 3-carrier CDMA2000
spectrum. Again, the signal being applied to the AD8340 is
filtered by a cavity-tuned filter with a −3 dB bandwidth of
4.6 MHz. To reduce distortion, the total output carrier power
was reduced to approximately −8 dBm (per-carrier power =
−12.6 dBm). Adjacent channel power ratios of −61 dBc (2 MHz
from center of spectrum) and −82 dBc (3.23 MHz from center
of spectrum) were measured. The noise floor, measured at
5.25 MHz carrier offset, is approximately −149 dBm/Hz (−89 dBm
in a 1 MHz bandwidth). While some dynamic range is lost due
to output power back-off, ACP stays approximately equal and
noise floor improves slightly.
SOL
LVL
NOR
SPAN 15MHz
1.5MHz/
CENTER 880MHz
–20
–40
–50
–60
–70
–80
–90
–100
–110
*RBW 30kHz
*VBW 300kHz
*SWT 5s
*ATT 5dB
REF –15 dBm
MARKER 1 [T1 NOI]
–148.83dBm/Hz
885.252403846MHz
OFFSET 0.5dB
1
–30
CH1
CH2
CH3
TOTAL
ACP LOW
ACP UP
ALT1 LOW
ALT1 UP
–12.65dBm
–12.58dB
–12.87dB
–7.93dB
–61.41dB
–61.87dB
–82.36dB
–81.92dB
A
Figure 38. Output Spectrum, 3-Carrier CDMA2000 Test Model at
−12.5 dBm/Carrier, VI = VQ = 0.353 V, ACP Measured at 2 MHz and 3.23 kHz
Offset from Center of Spectrum, Noise Measured at 5.25 MHz Carrier Offset,
Input Signal Filtered Using a Cavity-Tuned Filter (Pass Band = 4.6 MHz)
Rev. C | Page 15 of 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com