Electronic Components Datasheet Search
  English  ▼

X  

UCC33020 Datasheet(PDF) 16 Page - Texas Instruments

Part # UCC33020
Description  UCC33020 Ultra-Small, 1.0W, 5.0V, 3kVRMS Isolation, Industrial DC/DC Module
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC33020 Datasheet(HTML) 16 Page - Texas Instruments

Back Button UCC33020 Datasheet HTML 12Page - Texas Instruments UCC33020 Datasheet HTML 13Page - Texas Instruments UCC33020 Datasheet HTML 14Page - Texas Instruments UCC33020 Datasheet HTML 15Page - Texas Instruments UCC33020 Datasheet HTML 16Page - Texas Instruments UCC33020 Datasheet HTML 17Page - Texas Instruments UCC33020 Datasheet HTML 18Page - Texas Instruments UCC33020 Datasheet HTML 19Page - Texas Instruments UCC33020 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
7.3 Feature Description
7.3.1 Enable and Disable
Forcing EN/FLT pin low disables the device, which greatly reduces the VINP power consumption. Pull the
EN/FLT pin high to enable normal device functionality. The EN/FLT pin has a weak internal pull-down resistor so
it is not recommended to leave this pin floating in noisy systems.
7.3.2 Output Voltage Soft-Start
The UCC33020 has soft-start mechanism that ensures a smooth and fast soft-start operation with minimum input
inrush current. The output voltage Soft-Start diagram is shown in Figure 7-1. After VINP > VVINP_UVLO_R and
EN/FLT is pulled high, the soft-start sequence starts with a primary duty cycle open loop control. The power
stage operates with a fixed burst frequency with an incremental increasing duty cycle starting at 6.5%. The
rate of change of the duty cycle is pre-programmed in the part to reduce the input inrush current while building
the output voltage VCC. The primary side limits the maximum duty cycle to 62.5% during this phase till the
secondary side VCC voltage passes VVCC_UVLO = 2.7V threshold before releasing this duty cycle limit. This limit
will ensure minimum input current in case the device starts on a short circuit and the VCC is not building up.
The soft-start time will vary depending on the output capacitors, input voltage and loading conditions. The
UCC33020 has a soft-start timeout feature by which the VCC output voltage state is monitored during soft-start.
In certain conditions, the VCC might not reach steady-state regulation threshold due to short circuit on the output
voltage as shown in Figure 7-2, heavy loading conditions above recommended operating conditions or higher
output capacitor values as shown in Figure 7-3. In these conditions, if the soft-start timeout duration of 16ms
expires without the VCC reaching steady-state regulation, the part will shutdown and EN/FLT pin will be pulled
low for 200μs to report the fault condition. An auto-restart timer will start afterwards, the part will attempt to
restart after that timer expires. More details regarding fault reporting and auto-restart can be found in Fault
Reporting and Auto-Restart. If the same conditions continue to exist the same cycle will repeat again as shown
in Figure 7-2 and Figure 7-3 below.
UCC33020
SLUSFK4A – FEBRUARY 2025 – REVISED MAY 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: UCC33020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com