Electronic Components Datasheet Search
  English  ▼

X  

UCC33020 Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC33020
Description  UCC33020 Ultra-Small, 1.0W, 5.0V, 3kVRMS Isolation, Industrial DC/DC Module
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC33020 Datasheet(HTML) 2 Page - Texas Instruments

  UCC33020 Datasheet HTML 1Page - Texas Instruments UCC33020 Datasheet HTML 2Page - Texas Instruments UCC33020 Datasheet HTML 3Page - Texas Instruments UCC33020 Datasheet HTML 4Page - Texas Instruments UCC33020 Datasheet HTML 5Page - Texas Instruments UCC33020 Datasheet HTML 6Page - Texas Instruments UCC33020 Datasheet HTML 7Page - Texas Instruments UCC33020 Datasheet HTML 8Page - Texas Instruments UCC33020 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Device Comparison......................................................... 3
5 Pin Configuration and Functions...................................4
6 Specifications.................................................................. 5
6.1 Absolute Maximum Ratings........................................ 5
6.2 ESD Ratings............................................................... 5
6.3 Recommended Operating Conditions.........................5
6.4 Thermal Information....................................................6
6.5 Electrical Characteristics.............................................6
6.6 Power Ratings ............................................................8
6.7 Insulation Specifications............................................. 8
6.8 Safety-Related Certifications.................................... 10
6.9 Safety Limiting Values...............................................10
6.10 Typical Characteristics............................................ 11
7 Detailed Description......................................................15
7.1 Overview................................................................... 15
7.2 Functional Block Diagram......................................... 15
7.3 Feature Description...................................................16
7.4 Device Functional Modes..........................................22
8 Application and Implementation.................................. 23
8.1 Application Information............................................. 23
8.2 Typical Application.................................................... 23
9 Power Supply Recommendations................................25
10 Layout...........................................................................25
10.1 Layout Guidelines................................................... 25
10.2 Layout Example...................................................... 26
11 Device and Documentation Support..........................27
11.1 Device Support........................................................27
11.2 Documentation Support.......................................... 27
11.3 Receiving Notification of Documentation Updates.. 27
11.4 Support Resources................................................. 27
11.5 Trademarks............................................................. 27
11.6 Electrostatic Discharge Caution.............................. 27
11.7 Glossary.................................................................. 27
12 Revision History.......................................................... 27
13 Mechanical and Packaging Information.................... 28
UCC33020
SLUSFK4A – FEBRUARY 2025 – REVISED MAY 2025
www.ti.com
2
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: UCC33020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com