Electronic Components Datasheet Search
  English  ▼

X  

UCC33020 Datasheet(PDF) 4 Page - Texas Instruments

Part # UCC33020
Description  UCC33020 Ultra-Small, 1.0W, 5.0V, 3kVRMS Isolation, Industrial DC/DC Module
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC33020 Datasheet(HTML) 4 Page - Texas Instruments

  UCC33020 Datasheet HTML 1Page - Texas Instruments UCC33020 Datasheet HTML 2Page - Texas Instruments UCC33020 Datasheet HTML 3Page - Texas Instruments UCC33020 Datasheet HTML 4Page - Texas Instruments UCC33020 Datasheet HTML 5Page - Texas Instruments UCC33020 Datasheet HTML 6Page - Texas Instruments UCC33020 Datasheet HTML 7Page - Texas Instruments UCC33020 Datasheet HTML 8Page - Texas Instruments UCC33020 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
5 Pin Configuration and Functions
VINP
GNDS
GNDS
GNDS
VCC
GNDS
EN/FLT
GNDP
SEL
1
2
3
5
4
6
12
9
10
8
11
7
GNDP
GNDP
GNDP
Figure 5-1. RAQ VSON-FCRLF 12-Pin Package (top view)
Table 5-1. Pin Functions
PIN
TYPE (1)
DESCRIPTION
NAME
NO.
EN/FLT
1
I/O
Multi-function Enable input pin and fault output pin. Connect to microcontroller through an 18kΩ or
greater pull-up resistor.
Enable input pin: Forcing EN low disables the device. Pull high to enable normal device functionality.
Fault output pin: This pin is pulled low for 200μs to alert that power converter is shutdown due to fault
conditions.
VINP
2
P
Primary side input supply voltage pin. 15nF (CIN1) and 10μF (CIN2) ceramic bypass capacitors placed
close to device pins are required between VINP and GNDP pins.
GNDP
3
G
Power ground return connection for VINP.
4
5
6
SEL
7
I
VCC selection pin. VCC setpoint is 5.0V when SEL is connected to VCC, and 5.5V when SEL is
shorted to GNDS.
VCC
8
P
Isolated supply output voltage pin. 15nF (COUT1) and 22μF (COUT2) ceramic bypass capacitors placed
close to device pins are required between VCC and GNDS pins.
GNDS
9
G
Power ground return connection for VCC.
10
11
12
(1)
P = Power, G = Ground, I = Input, O = Output
UCC33020
SLUSFK4A – FEBRUARY 2025 – REVISED MAY 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: UCC33020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com