Electronic Components Datasheet Search
  English  ▼

X  

UCC33020 Datasheet(PDF) 36 Page - Texas Instruments

Part # UCC33020
Description  UCC33020 Ultra-Small, 1.0W, 5.0V, 3kVRMS Isolation, Industrial DC/DC Module
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC33020 Datasheet(HTML) 36 Page - Texas Instruments

Back Button UCC33020 Datasheet HTML 29Page - Texas Instruments UCC33020 Datasheet HTML 30Page - Texas Instruments UCC33020 Datasheet HTML 31Page - Texas Instruments UCC33020 Datasheet HTML 32Page - Texas Instruments UCC33020 Datasheet HTML 33Page - Texas Instruments UCC33020 Datasheet HTML 34Page - Texas Instruments UCC33020 Datasheet HTML 35Page - Texas Instruments UCC33020 Datasheet HTML 36Page - Texas Instruments UCC33020 Datasheet HTML 37Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 36 / 37 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
12X (0.6)
6X (0.3)
10X (0.65)
(4.8)
(R0.05) TYP
2X (0.3)
2X (1.6)
6X (0.3)
VSON-FCRLF - 1.05 mm max height
RAQ0012C
PLASTIC SMALL OUTLINE - NO LEAD
4230399/A 01/2024
NOTES: (continued)
5. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
SOLDER PASTE EXAMPLE
BASED ON 0.125 MM THICK STENCIL
SCALE: 15X
PKG
PKG
1
6
7
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com