Electronic Components Datasheet Search
  English  ▼

X  

UCC33020 Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC33020
Description  UCC33020 Ultra-Small, 1.0W, 5.0V, 3kVRMS Isolation, Industrial DC/DC Module
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC33020 Datasheet(HTML) 3 Page - Texas Instruments

  UCC33020 Datasheet HTML 1Page - Texas Instruments UCC33020 Datasheet HTML 2Page - Texas Instruments UCC33020 Datasheet HTML 3Page - Texas Instruments UCC33020 Datasheet HTML 4Page - Texas Instruments UCC33020 Datasheet HTML 5Page - Texas Instruments UCC33020 Datasheet HTML 6Page - Texas Instruments UCC33020 Datasheet HTML 7Page - Texas Instruments UCC33020 Datasheet HTML 8Page - Texas Instruments UCC33020 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
4 Device Comparison
Table 4-1. Device Comparison Table
DEVICE NAME
VVIN RANGE
OUTPUT (VCC)
TYPICAL POWER
ISOLATION RATING
UCC33420-Q1
4.5V to 5.5V
5.0V / 5.5V
1.5W
Basic
UCC33420
4.5V to 5.5V
5.0V / 5.5V
1.5W
Basic
UCC33020-Q1
3.0V to 5.5V
5.0V / 5.5V
1.0W
Basic
UCC33020
3.0V to 5.5V
5.0V / 5.5V
1.0W
Basic
UCC33410-Q1
4.5V to 5.5V
3.3V / 3.7V
1.0W
Basic
UCC33410
4.5V to 5.5V
3.3V / 3.7V
1.0W
Basic
UCC33421-Q1
4.5V to 5.5V
5.0V / 5.5V
1.5W
Reinforced
UCC33411-Q1
4.5V to 5.5V
3.3V / 3.7V
1.0W
Reinforced
www.ti.com
UCC33020
SLUSFK4A – FEBRUARY 2025 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: UCC33020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com