Electronic Components Datasheet Search
  English  ▼

X  

UCC33020 Datasheet(PDF) 10 Page - Texas Instruments

Part # UCC33020
Description  UCC33020 Ultra-Small, 1.0W, 5.0V, 3kVRMS Isolation, Industrial DC/DC Module
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC33020 Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC33020 Datasheet HTML 6Page - Texas Instruments UCC33020 Datasheet HTML 7Page - Texas Instruments UCC33020 Datasheet HTML 8Page - Texas Instruments UCC33020 Datasheet HTML 9Page - Texas Instruments UCC33020 Datasheet HTML 10Page - Texas Instruments UCC33020 Datasheet HTML 11Page - Texas Instruments UCC33020 Datasheet HTML 12Page - Texas Instruments UCC33020 Datasheet HTML 13Page - Texas Instruments UCC33020 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
6.8 Safety-Related Certifications
VDE
UL
UL
UL
Plan to certify according to DIN EN
IEC 60747-17 (VDE 0884-17)
Plan to certify under UL 1577 / CSA
Component Recognition program
Plan to certify according to IEC
62368-1
Plan to certify according to IEC 60601-1
Certificate number: (planned)
Certificate number: (planned)
File number: (planned)
Certificate number: (planned)
6.9 Safety Limiting Values
Safety limiting(1) intends to minimize potential damage to the isolation barrier upon failure of input or output circuitry. A
failure of the I/O can allow low resistance to ground or the supply and, without current limiting, dissipate sufficient power to
over-heat the die and damage the isolation barrier potentially leading to secondary system failures.
PARAMETER
TEST CONDITIONS
MAX
UNIT
IS
Safety input, output or supply current
RθJA = 59.7°C/W, VVINP = 5.5V, TJ = 150°C, TA =
25°C, POUT = 1.9W
726
mA
RθJA = 59.7°C/W, VVINP = 3.0V, TJ = 150°C, TA =
25°C, POUT = 0.75W
948
mA
PS
Safety power dissipation (input power - output
power)
RθJA = 59.7 °C/W, TJ = 150 °C, TA = 25 °C
2.1
W
TS
Safety temperature
150
°C
(1)
The maximum safety temperature, TS, has the same value as the maximum junction temperature, TJ, specified for the device. The
IS and PS parameters represent the safety current and safety power respectively. The maximum limits of IS and PS should not be
exceeded. These limits vary with the ambient temperature, TA.
The junction-to-air thermal resistance, RθJA, in the Thermal Information table is that of a device installed on a high-K test board for
leaded surface-mount packages. Use these equations to calculate the value for each parameter:
TJ = TA + RqJA × P, where P is the power dissipated in the device.
TJ(max) = TS = TA + RθJA × PS, where TJ(max) is the maximum allowed junction temperature.
PS = IS × VVINP, where VVINP is the maximum input voltage.
UCC33020
SLUSFK4A – FEBRUARY 2025 – REVISED MAY 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: UCC33020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com