Electronic Components Datasheet Search
  English  ▼

X  

UCC33020 Datasheet(PDF) 9 Page - Texas Instruments

Part # UCC33020
Description  UCC33020 Ultra-Small, 1.0W, 5.0V, 3kVRMS Isolation, Industrial DC/DC Module
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC33020 Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC33020 Datasheet HTML 5Page - Texas Instruments UCC33020 Datasheet HTML 6Page - Texas Instruments UCC33020 Datasheet HTML 7Page - Texas Instruments UCC33020 Datasheet HTML 8Page - Texas Instruments UCC33020 Datasheet HTML 9Page - Texas Instruments UCC33020 Datasheet HTML 10Page - Texas Instruments UCC33020 Datasheet HTML 11Page - Texas Instruments UCC33020 Datasheet HTML 12Page - Texas Instruments UCC33020 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
6.7 Insulation Specifications (continued)
PARAMETER
TEST CONDITIONS
VALUE
UNIT
CTI
Comparative tracking index
DIN EN 60112 (VDE 0303-11); IEC 60112
> 600
V
Material group
According to IEC 60664-1
I
Overvoltage category
Rated mains voltage ≤ 300VRMS
I-III
Rated mains voltage ≤ 600VRMS
I-II
Rated mains voltage ≤ 1000VRMS
I-I
DIN EN IEC60747-17 (VDE 0884-17) (2)
VIORM
Maximum repetitive peak isolation voltage
AC voltage (bipolar)
1159
VPK
VIOWM
Maximum working isolation voltage
AC voltage (sine wave) Time dependent dielectric
breakdown (TDDB) test
820
VRMS
DC voltage
1000
VDC
VIOTM
Maximum transient isolation voltage
VTEST = VIOTM, t = 60s (qualification)
4243
VPK
VTEST = 1.2 × VIOTM , t = 1s (100%) production
5091
VPK
VIMP
Impulse Voltage (3)
Tested in air, 1.2/50µs waveform per IEC 62368-1
5000
VPK
VIOSM
Maximum surge isolation voltage (4)
Tested in oil (qualification test),
1.2/50µs waveform per IEC 62368-1.
6500
VPK
qpd
Apparent charge (5)
Method a: After I/O safety test subgroup 2/3, Vini
= VIOTM, tini = 60s; Vpd(m) = 1.2 × VIORM, tm = 10s
≤ 5
pC
Method a: After environmental tests subgroup 1,
Vini = VIOTM, tini = 60s; Vpd(m) = 1.3 × VIORM, tm =
10s
≤ 5
pC
Method b1: At routine test (100% production), Vini
= 1.2 x VIOTM, tini = 1s; Vpd(m) = 1.5 × VIORM, tm =
1s
≤ 5
pC
CIO
Barrier capacitance, input to output (6)
VIO = 0.4 sin (2πft), f = 1MHz
< 3
pF
RIO
Isolation resistance, input to output (6)
VIO = 500V, TA = 25°C
> 1012
Ω
VIO = 500V, 100°C ≤ TA ≤ 125°C
> 1011
Ω
VIO = 500V at TS = 150°C
> 109
Ω
Pollution degree
2
Climatic category
40/125/21
UL 1577
VISO
Withstand isolation voltage
Withstand isolation voltage
VTEST = VISO , t = 60s (qualification)
VTEST = 1.2 × VISO , t=1s (100% production)
3000
VRMS
(1)
Creepage and clearance requirements should be applied according to the specific equipment isolation standards of an application.
Care should be taken to maintain the creepage and clearance distance of a board design to ensure that the mounting pads of
the isolator on the printed-circuit board do not reduce this distance. Creepage and clearance on a printed-circuit board become
equal in certain cases. Techniques such as inserting grooves and/or ribs on a printed-circuit board are used to help increase these
specifications.
(2)
This coupler is suitable for basic electrical insulation only within the maximum operating ratings. Compliance with the safety ratings
shall be ensured by means of suitable protective circuits.
(3)
Testing is carried out in air to determine the surge immunity of the package.
(4)
Testing is carried out in oil to determine the intrinsic surge immunity of the isolation barrier
(5)
Apparent charge is electrical discharge caused by a partial discharge (pd).
(6)
All pins on each side of the barrier tied together creating a two-terminal device
www.ti.com
UCC33020
SLUSFK4A – FEBRUARY 2025 – REVISED MAY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: UCC33020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com