Electronic Components Datasheet Search
  English  ▼

X  

UCC33020 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC33020
Description  UCC33020 Ultra-Small, 1.0W, 5.0V, 3kVRMS Isolation, Industrial DC/DC Module
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC33020 Datasheet(HTML) 1 Page - Texas Instruments

  UCC33020 Datasheet HTML 1Page - Texas Instruments UCC33020 Datasheet HTML 2Page - Texas Instruments UCC33020 Datasheet HTML 3Page - Texas Instruments UCC33020 Datasheet HTML 4Page - Texas Instruments UCC33020 Datasheet HTML 5Page - Texas Instruments UCC33020 Datasheet HTML 6Page - Texas Instruments UCC33020 Datasheet HTML 7Page - Texas Instruments UCC33020 Datasheet HTML 8Page - Texas Instruments UCC33020 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
UCC33020 Ultra-Small, 1.0W, 5.0V, 3kVRMS Isolation, Industrial DC/DC Module
1 Features
• 1.0W maximum output power
• 3.0V to 5.5V input voltage operation range
• 5.0V, 5.5V regulated selectable output voltage
– 5.0V: 200mA available load current
• 0.5% typical load regulation
• 4mV/V typical line regulation
• Robust isolation barrier:
– Isolation rating: 3kVRMS
– Surge capability: 6.5kVPK
– Working voltage: 1159VPK
– 200V/ns common mode transient immunity
• Power dense isolated DC/DC module with
integrated transformer technology
• Adaptive spread spectrum modulation (SSM)
• Meets CISPR-32 Class B emission
• Strong magnetic fields immunity
• Overload and short circuit protection
• Thermal shutdown
• Low inrush current soft-start
• Enable pin with fault reporting mechanism
• Planned Safety-Related Certifications:
– DIN EN IEC 60747-17 (VDE 0884-17)
– UL 1577 / CSA component recognition program
– IEC 62368-1 and IEC 60601-1 certifications
• Extended temperature range: –40°C to 125°C
• VSON-12 (4.0mm × 5.00mm) package
2 Applications
• Factory automation PLC modules
• EV charging infrastructure
• Isolated bias for E-mode GaN
• Isolated bias power for digital isolators
• Isolated bias power for RS-485, RS-422 and CAN
3 Description
The UCC33020 is an industrial DC/DC power module
with integrated transformer technology designed to
provide 1.0W of isolated output power. It can support
an input voltage operation range of 3.0V to 5.5V
and regulate 5.0V output voltage with a selectable
headroom of 5.5V.
The UCC33020 features a proprietary transformer
architecture that achieves a 3kVRMS isolation rating,
while simultaneously supporting low EMI and
excellent load regulation.
The UCC33020 integrates protection features for
increased system robustness such as enable pin with
fault reporting mechanism, short circuit protection and
thermal shutdown.
The UCC33020 comes in a miniaturized, low-profile
VSON (4.0mm × 5.00mm) package with 1.00mm
height and > 4.1mm clearance and creepage.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE
(NOM)
UCC33020
RAQ VSON-FCRLF 12
4.0mm × 5.00mm
(1)
For all available packages, see Section 13.
EN/FLT
GNDP
VINP
VCC
GNDS
SEL
R
EN/FLT
FLT
VINP
VCC
EN
C
IN1
C
OUT1
C
OUT2
C
IN2
Simplified Application
UCC33020
SLUSFK4A – FEBRUARY 2025 – REVISED MAY 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - UCC33020

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC33020-Q1 TI-UCC33020-Q1 Datasheet
1Mb / 33P
UCC33020-Q1 Ultra-Small, 1.0W, 5.0V, 3kVRMS Isolation, Automotive DC/DC Module
DECEMBER 2024
UCC33020-Q1 TI-UCC33020-Q1 Datasheet
1Mb / 32P
UCC33420-Q1 Ultra-Small, 1.5W, 5.0V, 3kVRMS Isolation, Automotive DC/DC Module
DECEMBER 2024
UCC33020-Q1 TI1-UCC33020-Q1 Datasheet
2Mb / 35P
UCC33420 Ultra-Small, 1.5W, 5.0V, 3kVRMS Isolation, Industrial DC/DC Module
FEBRUARY 2025
UCC33020-Q1 TI2-UCC33020-Q1 Datasheet
1Mb / 34P
UCC33421 Ultra-Small, 1.5W, 5.0V, 5kVRMS Isolation, Industrial DC/DC Module
SEPTEMBER 2025
UCC33020-Q1 TI2-UCC33020-Q1 Datasheet
1Mb / 33P
UCC33421-Q1 Ultra-Small, 1.5W, 5.0V, 5kVRMS Isolation, Automotive DC/DC Module
REVISED SEPTEMBER 2025
More results

Similar Description - UCC33020

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
A300RUI MPD-A300RUI Datasheet
89Kb / 2P
3W, Ultra-Wide Input High Isolation DC/DC Converters
D100VHI MPD-D100VHI Datasheet
193Kb / 2P
Miniature, 1W SIP Ultra-High Isolation DC/DC Converters
E200I MPD-E200I Datasheet
171Kb / 2P
High Isolation, 2W Ultra-Miniature, SIP DC/DC Converters
H100I MPD-H100I Datasheet
180Kb / 2P
Ultra-Miniature MiniDIP 1W, High Isolation DC/DC Converters
E100EI MPD-E100EI Datasheet
266Kb / 2P
1W, High Isolation Ultra-Miniature SIP DC/DC Converters
MHI200GRI8 MPD-MHI200GRI8 Datasheet
484Kb / 2P
Compact, 2W MiniDIP Ultra-High Isolation DC/DC Converters
MHI1000BRWI8 MPD-MHI1000BRWI8 Datasheet
450Kb / 2P
Compact, 10W Ultra-High Isolation DC/DC Converters
MHI1500BRWI8 MPD-MHI1500BRWI8 Datasheet
698Kb / 3P
Compact , 15W Ultra-High Isolation DC/DC Converters
MHI2000BRWI8 MPD-MHI2000BRWI8 Datasheet
737Kb / 3P
Compact, 20W Ultra-High Isolation DC/DC Converters
logo
HALO Electronics, Inc.
TGRTI-310V6LF HALO-TGRTI-310V6LF Datasheet
811Kb / 5P
6 Pin, 3kVrms DC/DC Converter Isolation Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com