Electronic Components Datasheet Search
  English  ▼

X  

UCC33020 Datasheet(PDF) 6 Page - Texas Instruments

Part # UCC33020
Description  UCC33020 Ultra-Small, 1.0W, 5.0V, 3kVRMS Isolation, Industrial DC/DC Module
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCC33020 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC33020 Datasheet HTML 2Page - Texas Instruments UCC33020 Datasheet HTML 3Page - Texas Instruments UCC33020 Datasheet HTML 4Page - Texas Instruments UCC33020 Datasheet HTML 5Page - Texas Instruments UCC33020 Datasheet HTML 6Page - Texas Instruments UCC33020 Datasheet HTML 7Page - Texas Instruments UCC33020 Datasheet HTML 8Page - Texas Instruments UCC33020 Datasheet HTML 9Page - Texas Instruments UCC33020 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
6.3 Recommended Operating Conditions (continued)
over operating free-air temperature range (unless otherwise noted)
PIN
MIN
TYP
MAX
UNIT
TJ
Junction temperature
–40
150
℃
(1)
See the VCC Load Recommended Operating Area section for maximum rated values across temperature and VINP conditions for
different VCC output voltage settings.
6.4 Thermal Information
THERMAL METRIC(1)
UNIT
VSON-FCRLF
12 PINS
RθJA
Junction-to-ambient thermal resistance
59.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
7.35
°C/W
RθJB
Junction-to-board thermal resistance
25.6
°C/W
ΨJA
Junction-to-ambient characterization parameter
58.0
°C/W
ΨJT
Junction-to-top characterization parameter
9.2
°C/W
ΨJB
Junction-to-board characterization parameter
26.8
°C/W
(1)
The thermal resistances (R) are based on JEDEC board, and the characterization parameters (Ψ) are based on the EVM described in
the Layout section. For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal
Metrics application report.
6.5 Electrical Characteristics
Over operating temperature range (TJ = –40°C to 150°C), VVINP = 5.0V, CIN1 = COUT1 = 15nF, CIN2 = 10µF, COUT2 = 22µF
SEL connected to VCC, VEN/FLT = 5.0V unless otherwise noted. All typical values at VVINP=5.0V, TA = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT SUPPLY (Primary-side. All voltages with respect to GNDP)
IVINP_Q
VINP quiescent current,disabled
EN/FLT=Low, VINP=3.3V, no load
180
uA
EN/FLT=Low, VINP=5.0V, no load
180
uA
IVINP_NL
VINP operating current, no load
EN/FLT=High; VINP=3.3V-5.0V;
VCC=5.0V no load
7
15
mA
EN/FLT=High; VINP=3.3V-5.0V;
VCC=5.5V no load
7
18
mA
IVINP_FL
VINP operating current, full load
EN/FLT=High; VINP=5.0V; VCC=5.0V,
Iout=200mA, TA=25°C
365
400
435
mA
EN/FLT=High; VINP=3.3V; VCC=5.0V,
Iout=140mA, TA=25°C
390
415
450
mA
IVINP_SC
DC current from VINP supply under short
circuit on VCC
EN/FLT=High; VINP=5.0V;
VCC=0V, TA=25°C (1)
45
mA
UVLOP COMPARATOR (Primary-side. All voltages with respect to GNDP)
VVINP_UV
LO_R
VINP under-voltage lockout rising
threshold
2.8
2.9
V
VVINP_UV
LO_F
VINP under-voltage lockout falling
threshold
2.6
2.7
V
VUVLO_H VINP under-voltage lockout hysteresis
0.1
V
OVLO COMPARATOR (Primary-side. All voltages with respect to GNDP)
VVINP_OV
LO_R
VINP over-voltage lockout rising threshold
5.77
5.9
V
VVINP_OV
LO_F
VINP over-voltage lockout falling
threshold
5.55
5.72
V
VVINP_H
VINP over-voltage lockout hysteresis
0.05
V
UCC33020
SLUSFK4A – FEBRUARY 2025 – REVISED MAY 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: UCC33020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com