Electronic Components Datasheet Search
  English  ▼

X  

ADC32RF44 Datasheet(PDF) 3 Page - Texas Instruments

Part # ADC32RF44
Description  ADC32RF42 Dual-Channel, 14-Bit, 1.5-GSPS, Analog-to-Digital Converter
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF44 Datasheet(HTML) 3 Page - Texas Instruments

  ADC32RF44 Datasheet HTML 1Page - Texas Instruments ADC32RF44 Datasheet HTML 2Page - Texas Instruments ADC32RF44 Datasheet HTML 3Page - Texas Instruments ADC32RF44 Datasheet HTML 4Page - Texas Instruments ADC32RF44 Datasheet HTML 5Page - Texas Instruments ADC32RF44 Datasheet HTML 6Page - Texas Instruments ADC32RF44 Datasheet HTML 7Page - Texas Instruments ADC32RF44 Datasheet HTML 8Page - Texas Instruments ADC32RF44 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 128 page
background image
1
DB3M
54
DA3M
2
DB3P
53
DA3P
3
GND
52
GND
4
DVDD
51
DVDD
5
SDIN
50
PDN
6
SCLK
49
GND
7
SEN
48
RESET
8
DVDD
47
DVDD
9
AVDD
46
AVDD
10
AVDD19
45
AVDD19
11
SDOUT
44
AVDD
12
AVDD
43
AVDD
13
INBP
42
INAP
14
INBM
41
INAM
15
AVDD
40
AVDD
16
AVDD19
39
AVDD19
17
AVDD
38
AVDD
18
GND
37
GND
Not to scale
Thermal
Pad
3
ADC32RF42
www.ti.com
SBAS844 – MAY 2017
Product Folder Links: ADC32RF42
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Device Family Comparison Table
PART NUMBER
SPEED GRADE (MSPS)
RESOLUTION (Bits)
CHANNELS
ADC32RF45
3000
14
2
ADC32RF44
2600
14
2
ADC32RF42
1500
14
2
6 Pin Configuration and Functions
RMP Package
72-Pin VQFN
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com