Electronic Components Datasheet Search
  English  ▼

X  

ADC32RF44 Datasheet(PDF) 13 Page - Texas Instruments

Part # ADC32RF44
Description  ADC32RF42 Dual-Channel, 14-Bit, 1.5-GSPS, Analog-to-Digital Converter
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF44 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADC32RF44 Datasheet HTML 9Page - Texas Instruments ADC32RF44 Datasheet HTML 10Page - Texas Instruments ADC32RF44 Datasheet HTML 11Page - Texas Instruments ADC32RF44 Datasheet HTML 12Page - Texas Instruments ADC32RF44 Datasheet HTML 13Page - Texas Instruments ADC32RF44 Datasheet HTML 14Page - Texas Instruments ADC32RF44 Datasheet HTML 15Page - Texas Instruments ADC32RF44 Datasheet HTML 16Page - Texas Instruments ADC32RF44 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 128 page
background image
InputFrequency (MHz)
0
300
600
900
1200
1500
1800
2100
55
59
63
67
71
75
D011
Input Frequency (MHz)
0
300
600
900
1200
1500
1800
2100
75
79
83
87
91
95
D012
fIN - fS/2 (dBc)
2fIN - fS/2 (dBc)
3fIN - fS/2 (dBc)
Input Frequency (MHz)
0
150
300
450
600
750
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D009
Each Tone Amplitude (dBFS)
-36
-32
-28
-24
-20
-16
-12
-8
-100
-95
-90
-85
-80
-75
-70
D010
Input Frequency (MHz)
0
150
300
450
600
750
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D007
Input Frequency (MHz)
0
150
300
450
600
750
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
D008
13
ADC32RF42
www.ti.com
SBAS844 – MAY 2017
Product Folder Links: ADC32RF42
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
typical values are specified at an ambient temperature of 25°C; minimum and maximum values are specified over an ambient
temperature range of –40°C to +85°C; and ADC sampling rate = 1.5 GHz, 65536 points FFT, 50% clock duty cycle, AVDD19
= 1.9 V, AVDD = 1.15 V, DVDD = 1.15 V, –2-dBFS differential input, and 0-dB digital gain (unless otherwise noted)
SFDR = 59 dBc, SNR = 57.9 dBFS, SINAD = 56 dBFS,
HD2 = –61 dBFS, HD3 = –69 dBFS,
SFDR (non HD2, HD3) = 81 dBc, THD = 58 dBc,
IL spur = 83 dBFS
Figure 9. FFT for 2100-MHz Input Signal
fIN1 = 940 MHz, fIN2 = 960 MHz,
AOUT = –8 dBFS, IMD = 75 dBFS
Figure 10. FFT for Two-Tone Input Signal (–8 dBFS)
fIN1 = 940 MHz, fIN2 = 960 MHz,
AOUT = –36 dBFS, IMD = 94 dBFS
Figure 11. FFT for Two-Tone Input Signal (–36 dBFS)
Figure 12. Intermodulation Distortion vs Input Amplitude
(940 MHz and 960 MHz)
Figure 13. Spurious-Free Dynamic Range vs Input
Frequency
Figure 14. IL Spur vs Input Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com