Electronic Components Datasheet Search
  English  ▼

X  

ADC32RF44 Datasheet(PDF) 5 Page - Texas Instruments

Part # ADC32RF44
Description  ADC32RF42 Dual-Channel, 14-Bit, 1.5-GSPS, Analog-to-Digital Converter
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF44 Datasheet(HTML) 5 Page - Texas Instruments

  ADC32RF44 Datasheet HTML 1Page - Texas Instruments ADC32RF44 Datasheet HTML 2Page - Texas Instruments ADC32RF44 Datasheet HTML 3Page - Texas Instruments ADC32RF44 Datasheet HTML 4Page - Texas Instruments ADC32RF44 Datasheet HTML 5Page - Texas Instruments ADC32RF44 Datasheet HTML 6Page - Texas Instruments ADC32RF44 Datasheet HTML 7Page - Texas Instruments ADC32RF44 Datasheet HTML 8Page - Texas Instruments ADC32RF44 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 128 page
background image
5
ADC32RF42
www.ti.com
SBAS844 – MAY 2017
Product Folder Links: ADC32RF42
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage range
AVDD19
–0.3
2.1
V
AVDD
–0.3
1.4
DVDD
–0.3
1.4
Voltage applied to input pins
INAP, INAM and INBP, INBM
–0.3
AVDD19 + 0.3
V
CLKINP, CLKINM
–0.3
AVDD + 0.6
SYSREFP, SYSREFM, SYNCBP, SYNCBM
–0.3
AVDD + 0.6
SCLK, SEN, SDIN, RESET, PDN, GPIO1, GPIO2,
GPIO3, GPIO4
–0.2
AVDD19 + 0.2
Voltage applied to output pins
–0.3
2.2
V
Temperature
Operating free-air, TA
–40
85
°C
Storage, Tstg
–65
150
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±1000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
(1)
Always power up the DVDD supply (1.15 V) before the AVDD19 (1.9 V) supply. The AVDD (1.15 V) supply can come up in any order.
(2)
Prolonged use above this junction temperature may increase the device failure-in-time (FIT) rate.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Supply voltage(1)
AVDD19
1.8
1.9
2.0
V
AVDD
1.1
1.15
1.25
DVDD
1.1
1.15
1.2
Temperature
Operating free-air, TA
–40
85
°C
Operating junction, TJ
105(2)
125
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.4 Thermal Information
THERMAL METRIC(1)
ADC32RF42
UNIT
RMP (VQFN)
72 PINS
RθJA
Junction-to-ambient thermal resistance
21.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
4.4
°C/W
RθJB
Junction-to-board thermal resistance
2.0
°C/W
ψJT
Junction-to-top characterization parameter
0.1
°C/W
ψJB
Junction-to-board characterization parameter
2.0
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
0.2
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com