Electronic Components Datasheet Search
  English  ▼

X  

ADC32RF44 Datasheet(PDF) 97 Page - Texas Instruments

Part # ADC32RF44
Description  ADC32RF42 Dual-Channel, 14-Bit, 1.5-GSPS, Analog-to-Digital Converter
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF44 Datasheet(HTML) 97 Page - Texas Instruments

Back Button ADC32RF44 Datasheet HTML 93Page - Texas Instruments ADC32RF44 Datasheet HTML 94Page - Texas Instruments ADC32RF44 Datasheet HTML 95Page - Texas Instruments ADC32RF44 Datasheet HTML 96Page - Texas Instruments ADC32RF44 Datasheet HTML 97Page - Texas Instruments ADC32RF44 Datasheet HTML 98Page - Texas Instruments ADC32RF44 Datasheet HTML 99Page - Texas Instruments ADC32RF44 Datasheet HTML 100Page - Texas Instruments ADC32RF44 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 128 page
background image
97
ADC32RF42
www.ti.com
SBAS844 – MAY 2017
Product Folder Links: ADC32RF42
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9.5.13.26 Register 03Ah (address = 03Ah), Decimation Filter Page
Figure 160. Register 03Ah
7
6
5
4
3
2
1
0
0
0
0
0
0
0
TEST PAT RES
TP RES EN
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
R/W-0h
R/W-0h
Table 97. Register 03Ah Field Descriptions
Bit
Field
Type
Reset
Description
7-2
0
W
0h
Must write 0
1
TEST PAT RES
R/W
0h
Pulsing this bit resets the test pattern. The test pattern reset
must be enabled first (bit D0).
0 = Normal operation
1 = Reset the test pattern
0
TP RES EN
R/W
0h
This bit enables the test pattern reset.
0 = Reset disabled
1 = Reset enabled
9.5.14 Power Detector Page
9.5.14.1 Register 000h (address = 000h), Power Detector Page
Figure 161. Register 000h
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
PKDET EN
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
W-0h
R/W-0h
Table 98. Register 000h Field Descriptions
Bit
Field
Type
Reset
Description
7-1
0
W
0h
Must write 0
0
PKDET EN
R/W
0h
This bit enables the peak power and crossing detector.
0 = Power detector disabled
1 = Power detector enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com