Electronic Components Datasheet Search
  English  ▼

X  

ADC32RF44 Datasheet(PDF) 32 Page - Texas Instruments

Part # ADC32RF44
Description  ADC32RF42 Dual-Channel, 14-Bit, 1.5-GSPS, Analog-to-Digital Converter
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF44 Datasheet(HTML) 32 Page - Texas Instruments

Back Button ADC32RF44 Datasheet HTML 28Page - Texas Instruments ADC32RF44 Datasheet HTML 29Page - Texas Instruments ADC32RF44 Datasheet HTML 30Page - Texas Instruments ADC32RF44 Datasheet HTML 31Page - Texas Instruments ADC32RF44 Datasheet HTML 32Page - Texas Instruments ADC32RF44 Datasheet HTML 33Page - Texas Instruments ADC32RF44 Datasheet HTML 34Page - Texas Instruments ADC32RF44 Datasheet HTML 35Page - Texas Instruments ADC32RF44 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 128 page
background image
Frequency
0
0.1
0.2
0.3
0.4
0.5
-120
-100
-80
-60
-40
-20
0
D005
Pass Band
Attn Spec
Transition Band
Alias Band
Frequency
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
D006
Pass Band
Transition Band
Frequency
0
0.1
0.2
0.3
0.4
0.5
-120
-100
-80
-60
-40
-20
0
D003
Pass Band
Attn Spec
Transition Band
Alias Band
Frequency
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
D004
Pass Band
Transition Band
Frequency
0
0.1
0.2
0.3
0.4
0.5
-120
-100
-80
-60
-40
-20
0
D001
Pass Band
Attn Spec
Transition Band
Alias Band
Frequency
0
0.02
0.04
0.06
0.08
0.1
0.12
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
D002
Pass Band
Transition Band
32
ADC32RF42
SBAS844 – MAY 2017
www.ti.com
Product Folder Links: ADC32RF42
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9.3.4.3.1
Divide-by-4
Peak-to-peak pass-band ripple: approximately 0.22 dB
Figure 51. Filter Response Decimate-by-4
Figure 52. Filter Response Decimate-by-4 (Zoomed)
9.3.4.3.2
Divide-by-6
Peak-to-peak pass-band ripple: approximately 0.38 dB
Figure 53. Filter Response Decimate-by-6
Figure 54. Filter Response Decimate-by-6 (Zoomed)
9.3.4.3.3
Divide-by-8
Peak-to-peak pass-band ripple: approximately 0.25 dB
Figure 55. Filter Response Decimate-by-8
Figure 56. Filter Response Decimate-by-8 (Zoomed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com