Electronic Components Datasheet Search
  English  ▼

X  

ADC32RF44 Datasheet(PDF) 36 Page - Texas Instruments

Part # ADC32RF44
Description  ADC32RF42 Dual-Channel, 14-Bit, 1.5-GSPS, Analog-to-Digital Converter
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC32RF44 Datasheet(HTML) 36 Page - Texas Instruments

Back Button ADC32RF44 Datasheet HTML 32Page - Texas Instruments ADC32RF44 Datasheet HTML 33Page - Texas Instruments ADC32RF44 Datasheet HTML 34Page - Texas Instruments ADC32RF44 Datasheet HTML 35Page - Texas Instruments ADC32RF44 Datasheet HTML 36Page - Texas Instruments ADC32RF44 Datasheet HTML 37Page - Texas Instruments ADC32RF44 Datasheet HTML 38Page - Texas Instruments ADC32RF44 Datasheet HTML 39Page - Texas Instruments ADC32RF44 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 128 page
background image
Receiver
VCM
Transmission Line,
ZO
0.1 PF
0.1 PF
Rt = ZO
Rt = ZO
DA[3:0]P,
DB[3:0]P
DA[3:0]M,
DB[3:0]M
GPIO4
GPIO1
GPIO3
GPIO2
INSEL1[1:0]
INSEL0[1:0]
NCO1
NCO2
NCO3
N/A
0
1
2
3
GPIO4
GPIO1
GPIO3
GPIO2
0
1
2
3
0
1
2
3
NCO for DDC1 of
channel x
NCO SEL[1:0]
NCO SEL PIN
0
1
36
ADC32RF42
SBAS844 – MAY 2017
www.ti.com
Product Folder Links: ADC32RF42
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table 6. NCO Selection
NCO SEL[1]
NCO SEL[0]
NCO SELECTED
0
0
NCO1
0
1
NCO2
1
0
NCO3
1
1
n/a
Figure 66. NCO Switching from GPIO and SPI
9.3.6 SerDes Transmitter Interface
Each 12.5-Gbps serializer, deserializer (SerDes) LVDS transmitter output requires ac-coupling between the
transmitter and receiver. Terminate the differential pair as shown in Figure 67 with 100-Ω resistance (that is, two
50-Ω resistors) as close to the receiving device as possible to avoid unwanted reflections and signal degradation.
Figure 67. External Serial JESD204B Interface Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com