Electronic Components Datasheet Search
  English  ▼

X  

ADS5560 Datasheet(PDF) 21 Page - Texas Instruments

Part # ADS5560
Description  ADS556x 16-Bit, 40 and 80 MSPS ADCs With DDR LVDS and CMOS Outputs
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5560 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS5560 Datasheet HTML 17Page - Texas Instruments ADS5560 Datasheet HTML 18Page - Texas Instruments ADS5560 Datasheet HTML 19Page - Texas Instruments ADS5560 Datasheet HTML 20Page - Texas Instruments ADS5560 Datasheet HTML 21Page - Texas Instruments ADS5560 Datasheet HTML 22Page - Texas Instruments ADS5560 Datasheet HTML 23Page - Texas Instruments ADS5560 Datasheet HTML 24Page - Texas Instruments ADS5560 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 62 page
background image
f − Frequency − MHz
−180
−160
−140
−120
−100
−80
−60
−40
−20
0
0
5
10
15
20
G022
SFDR = 92.7 dBc
SINAD = 82.5 dBFS
SNR = 83.2 dBFS
THD = 90 dBc
f − Frequency − MHz
−180
−160
−140
−120
−100
−80
−60
−40
−20
0
0
5
10
15
20
G023
SFDR = 83.43 dBc
SINAD = 80.2 dBFS
SNR = 82.9 dBFS
THD = 82.55 dBc
Output Code
0
5
10
15
20
25
30
35
40
G019
RMS (LSB) = 1.424
82
83
84
85
86
87
VVCM − VCM Voltage − V
80
82
84
86
88
90
1.30
1.35
1.40
1.45
1.50
1.55
1.60
1.65
1.70
fIN = 5.01 MHz
External Reference Mode
G020
SNR
SFDR
80
81
82
83
84
85
86
87
88
78
80
82
84
86
88
90
92
94
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
Input Clock Amplitude − VPP
G017
SNR
SFDR
fIN = 10.1 MHz
81
82
83
84
85
86
87
Input Clock Duty Cycle − %
G018
72
76
80
84
88
92
96
35
40
45
50
55
60
65
SNR
SFDR
fIN = 5.01 MHz
ADS5560, ADS5562
www.ti.com
SLWS207B – MAY 2008 – REVISED JANUARY 2016
ADS5562 – 80 MSPS (continued)
Typical values are at 25°C, AVDD = DRVDD = 3.3 V, sampling frequency = Maximum Rated, sine wave input clock, 1.5-VPP
clock amplitude, 50% clock duty cycle, –1-dBFS differential analog input, internal reference mode, DDR LVDS interface,
default fine gain (1 dB), 32k Point FFT (unless otherwise noted)
Figure 18. Performance vs Clock Amplitude
Figure 19. Performance vs Clock Duty Cycle
Figure 21. Performance in External Reference Mode
Figure 20. Output Noise Histogram
6.15.2 ADS5560 – 40 MSPS
Typical values are at 25°C, AVDD = DRVDD = 3.3 V, sampling frequency = Maximum Rated, sine wave input clock, 1.5-VPP
clock amplitude, 50% clock duty cycle, –1-dBFS differential analog input, internal reference mode, DDR LVDS interface,
default fine gain (1 dB), 32k Point FFT (unless otherwise noted)
Figure 22. FFT for 5 MHz, –1-dBFS Input Signal
Figure 23. FFT for 20 MHz, –1-dBFS Input Signal
Copyright © 2008–2016, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: ADS5560 ADS5562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com