Electronic Components Datasheet Search
  English  ▼

X  

ADS5560 Datasheet(PDF) 28 Page - Texas Instruments

Part # ADS5560
Description  ADS556x 16-Bit, 40 and 80 MSPS ADCs With DDR LVDS and CMOS Outputs
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5560 Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADS5560 Datasheet HTML 24Page - Texas Instruments ADS5560 Datasheet HTML 25Page - Texas Instruments ADS5560 Datasheet HTML 26Page - Texas Instruments ADS5560 Datasheet HTML 27Page - Texas Instruments ADS5560 Datasheet HTML 28Page - Texas Instruments ADS5560 Datasheet HTML 29Page - Texas Instruments ADS5560 Datasheet HTML 30Page - Texas Instruments ADS5560 Datasheet HTML 31Page - Texas Instruments ADS5560 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 62 page
background image
S0329-01
1:1
1:1
0.1 F
m
INP
INM
VCM
ADS556x
50 W
50 W
50 W
22 pF
25 W
25 W
15 W
15 W
50 W
0.1 F
m
0.1 F
m
39 nH
39 nH
0.1 F
m
0.1 F
m
0.1 F
m
0.1 F
m
f − Frequency − MHz
0
100
200
300
400
500
100
10
0.1
0.01
G045
1
f − Frequency − MHz
0
2
4
6
8
10
0
100
200
300
400
500
G046
ADS5560, ADS5562
SLWS207B – MAY 2008 – REVISED JANUARY 2016
www.ti.com
Feature Description (continued)
Figure 47. ADC Analog Input Capacitance (Cin) Across
Figure 46. ADC Analog Input Resistance (Rin) Across
Frequency
Frequency
7.3.2.2 Example Driving Circuit
Figure 48 shows an example input configuration using RF transformers. In this example, an external R-C-R filter
using a 22-pF capacitor has been used. Together with the series inductor (39 nH), this combination forms a filter
and absorbs the sampling glitches. Because of the relatively large capacitor (22 pF) in the R-C-R and the 15-
Ω
resistors in series with each input pin, this drive circuit has low bandwidth and is suited for low input frequencies.
The drive circuit has been terminated by 50
Ω near the ADC side. The termination is accomplished by a 25-Ω
resistor from each input to the 1.5-V common-mode (VCM) from the device. This allows the analog inputs to be
biased around the required common-mode voltage.
The mismatch in the transformer parasitic capacitance (between the windings) results in degraded even-order
harmonic performance. Connecting two identical RF transformers back to back helps minimize this mismatch and
good performance is obtained for high frequency input signals. An additional termination resistor pair may be
required between the two transformers (enclosed by the dashed lines in Figure 48). The center point of this
termination is connected to ground to improve the balance between the P and M sides. The values of the
terminations between the transformers and on the secondary side must be chosen to get an effective 50
Ω (in
the case of 50-
Ω source impedance).
Figure 48. Drive Circuit Using RF Transformers
28
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Product Folder Links: ADS5560 ADS5562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com