Electronic Components Datasheet Search
  English  ▼

X  

ADS5560 Datasheet(PDF) 34 Page - Texas Instruments

Part # ADS5560
Description  ADS556x 16-Bit, 40 and 80 MSPS ADCs With DDR LVDS and CMOS Outputs
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5560 Datasheet(HTML) 34 Page - Texas Instruments

Back Button ADS5560 Datasheet HTML 30Page - Texas Instruments ADS5560 Datasheet HTML 31Page - Texas Instruments ADS5560 Datasheet HTML 32Page - Texas Instruments ADS5560 Datasheet HTML 33Page - Texas Instruments ADS5560 Datasheet HTML 34Page - Texas Instruments ADS5560 Datasheet HTML 35Page - Texas Instruments ADS5560 Datasheet HTML 36Page - Texas Instruments ADS5560 Datasheet HTML 37Page - Texas Instruments ADS5560 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 62 page
background image
ADS5560, ADS5562
SLWS207B – MAY 2008 – REVISED JANUARY 2016
www.ti.com
Device Functional Modes (continued)
7.4.3.3 LVDS Buffer Internal Termination
An internal termination option is available (using the serial interface), by which the LVDS buffers are differentially
terminated inside the device. These termination resistances are available: 325, 200, and 175
Ω (nominal with
±20% variation). Any combination of these three terminations can be programmed; the effective termination will
be the parallel combination of the selected resistances. This results in eight effective terminations from open (no
termination) to 75
Ω.
The internal termination helps to absorb any reflections coming from the receiver end, improving the signal
integrity. With 100-
Ω internal and 100-Ω external termination, the voltage swing at the receiver end is halved
(compared to no internal termination). The terminations can be controlled using the <DATA TERM> and
<CLKOUT TERM> register bits.
The voltage swing can be restored by using the LVDS current double mode (<CURR DOUBLE> register bit).
7.4.3.4 Parallel CMOS
In this mode, the digital data and output clock are put out as 3.3-V CMOS voltage levels. Each data bit and the
output clock is available on a separate pin in parallel. By default, the data outputs are valid during the rising edge
of the output clock. The output clock is CLKOUT.
7.4.3.5 Output Clock Position Programmability
In both the LVDS and CMOS modes, the output clock can be moved around the default position which occurs
using the SEN pin (as described in Table 6) or using the serial-interface <CLKOUT POSN> register bits
(Table 11).
7.4.4 Output Data Format
Two output data formats are supported: 2s-complement and offset binary. These formats can be selected using
the DFS pin or the serial-interface <DFS> register bit (see Table 9). In the event of an input voltage overdrive,
the digital outputs go to the appropriate full scale level. For a positive overdrive, the output code is 0xFFFF in
offset binary output format, and 0x7FFF in 2s-complement output format. For a negative input overdrive, the
output code is 0x0000 in offset binary output format and 0x8000 in 2s complement output format.
7.4.5 Reference
The ADS556x device has a built-in internal reference that does not require external components. Design
schemes are used to linearize the converter load seen by the reference; this and the integration of the requisite
reference capacitors on-chip eliminates the need for external decoupling capacitors. The full-scale input range of
the converter can be controlled in the external reference mode as explained in the External Reference section.
The internal or external reference modes can be selected by controlling the MODE pin 23 (see Table 8 for
details) or by programming the serial-interface <REF> register bit.
7.4.5.1 Internal Reference
When the device is in internal reference mode, the REFP and REFM voltages are generated internally. The
common-mode voltage (1.5 V nominal) is output on VCM pin, which can be used to externally bias the analog
input pins.
7.4.5.2 External Reference
When the device is in external reference mode, the VCM acts as a reference input pin. The voltage forced on the
VCM pin is buffered and gained internally, generating the REFP and REFM voltages. The differential input
voltage corresponding to full-scale is given by Equation 1. In this mode, the 1.5-V common-mode voltage to bias
the input pins must be generated externally.
Full-scale differential input volage, pp = (Voltage forced on VCM pin) × 2.67 × G
where
•
G = 10
–(Fine gain in db/20)
(1)
34
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Product Folder Links: ADS5560 ADS5562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com