Electronic Components Datasheet Search
  English  ▼

X  

ADS5560 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS5560
Description  ADS556x 16-Bit, 40 and 80 MSPS ADCs With DDR LVDS and CMOS Outputs
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5560 Datasheet(HTML) 4 Page - Texas Instruments

  ADS5560 Datasheet HTML 1Page - Texas Instruments ADS5560 Datasheet HTML 2Page - Texas Instruments ADS5560 Datasheet HTML 3Page - Texas Instruments ADS5560 Datasheet HTML 4Page - Texas Instruments ADS5560 Datasheet HTML 5Page - Texas Instruments ADS5560 Datasheet HTML 6Page - Texas Instruments ADS5560 Datasheet HTML 7Page - Texas Instruments ADS5560 Datasheet HTML 8Page - Texas Instruments ADS5560 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 62 page
background image
36
35
34
33
32
31
30
29
28
27
26
25
12
11
10
9
8
7
6
5
4
3
2
1
DRGND
DRVDD
D2_D3_P
D2_D3_M
D0_D1_P
D0_D1_M
RESET
SCLK
SDATA
SEN
AVDD
AGND
DRGND
DRVDD
OVR
CLKOUTM
CLKOUTP
DFS
OE
AVDD
AGND
CLKP
CLKM
AGND
Thermal Pad
ADS5560, ADS5562
SLWS207B – MAY 2008 – REVISED JANUARY 2016
www.ti.com
5 Pin Configuration and Functions
RGZ Package
48-Pin VQFN With Exposed Thermal Pad
LVDS Mode – Top View
Pin Functions - LVDS Mode
PIN
I/O
DESCRIPTION
NO.
NAME
9, 12, 14,
17, 19,
AGND
I
Analog ground
25
8, 18, 20,
22, 24,
AVDD
I
Analog power supply
26
4
CLKOUTM
O
Differential output clock, complement
5
CLKOUTP
O
Differential output clock, true
10
CLKP
I
Differential clock input
11
CLKM
31
D0_D1_M
O
Differential output data D0 and D1 multiplexed, complement.
32
D0_D1_P
O
Differential output data D0 and D1 multiplexed, true
43
D10_D11_M
O
Differential output data D10 and D11 multiplexed, complement
44
D10_D11_P
O
Differential output data D10 and D11 multiplexed, true
45
D12_D13_M
O
Differential output data D12 and D13 multiplexed, complement
46
D12_D13_P
O
Differential output data D12 and D13 multiplexed, true
47
D14_D15_M
O
Differential output data D14 and D15 multiplexed, complement
48
D14_D15_P
O
Differential output data D14 and D15 multiplexed, true
33
D2_D3_M
O
Differential output data D2 and D3 multiplexed, complement
34
D2_D3_P
O
Differential output data D2 and D3 multiplexed, true
37
D4_D5_M
O
Differential output data D4 and D5 multiplexed, complement
38
D4_D5_P
O
Differential output data D4 and D5 multiplexed, true
4
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Product Folder Links: ADS5560 ADS5562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com