Electronic Components Datasheet Search
  English  ▼

X  

ADS5560 Datasheet(PDF) 24 Page - Texas Instruments

Part # ADS5560
Description  ADS556x 16-Bit, 40 and 80 MSPS ADCs With DDR LVDS and CMOS Outputs
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5560 Datasheet(HTML) 24 Page - Texas Instruments

Back Button ADS5560 Datasheet HTML 20Page - Texas Instruments ADS5560 Datasheet HTML 21Page - Texas Instruments ADS5560 Datasheet HTML 22Page - Texas Instruments ADS5560 Datasheet HTML 23Page - Texas Instruments ADS5560 Datasheet HTML 24Page - Texas Instruments ADS5560 Datasheet HTML 25Page - Texas Instruments ADS5560 Datasheet HTML 26Page - Texas Instruments ADS5560 Datasheet HTML 27Page - Texas Instruments ADS5560 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 62 page
background image
5
10
15
f -InputFrequency-MHz
IN
SFDR-dBc
20
25
30
30
70
40
50
60
80
80
82
84
86
88
M0049-04
84
84
84
84
84
84
88
88
88
86
86
90
90
92
94
86
82
84
84
82
82
90
92
5
10
15
f -InputFrequency-MHz
IN
SNR-dBFS
20
25
30
30
70
40
50
60
80
81
82
82.5
83
83.5
M0048-04
83.5
83.5
83.5
84
84
84
81.5
84.5
83
83
83
82
82
82.5
82.5
81.5
84
FS − Sampling Frequency − MSPS
0.45
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
25
40
50
65
80
CMOS, No-Load Capacitance
CMOS, 5-pF Load Capacitance
CMOS, 10-pF Load Capacitance
LVDS
G044
fIN − Input Frequency − MHz
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80
100
G043
Output Code
0
5
10
15
20
25
30
35
40
G040
RMS (LSB) = 1.429
82
83
84
85
86
87
VVCM − VCM Voltage − V
82
84
86
88
90
92
1.30
1.35
1.40
1.45
1.50
1.55
1.60
1.65
1.70
fIN = 5.01 MHz
External Reference Mode
G041
SNR
SFDR
ADS5560, ADS5562
SLWS207B – MAY 2008 – REVISED JANUARY 2016
www.ti.com
ADS5560 – 40 MSPS (continued)
Typical values are at 25°C, AVDD = DRVDD = 3.3 V, sampling frequency = Maximum Rated, sine wave input clock, 1.5-VPP
clock amplitude, 50% clock duty cycle, –1-dBFS differential analog input, internal reference mode, DDR LVDS interface,
default fine gain (1 dB), 32k Point FFT (unless otherwise noted)
Figure 37. Performance in External Reference Mode
Figure 36. Output Noise Histogram
6.15.3 Valid Up to Max Clock Rate (ADS5562 or ADS5560)
Typical values are at 25°C, AVDD = DRVDD = 3.3 V, sampling frequency = Maximum Rated, sine wave input clock, 1.5-VPP
clock amplitude, 50% clock duty cycle, –1-dBFS differential analog input, internal reference mode, DDR LVDS interface,
default fine gain (1 dB), 32k Point FFT (unless otherwise noted)
Figure 38. CMRR vs Common-Mode Frequency
Figure 39. Power Dissipation vs Sampling Frequency
Figure 40. SFDR Contour, 0-dB Gain
Figure 41. SNR Contour, 0-dB Gain
24
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Product Folder Links: ADS5560 ADS5562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com