Electronic Components Datasheet Search
  English  ▼

X  

ADS5560 Datasheet(PDF) 39 Page - Texas Instruments

Part # ADS5560
Description  ADS556x 16-Bit, 40 and 80 MSPS ADCs With DDR LVDS and CMOS Outputs
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5560 Datasheet(HTML) 39 Page - Texas Instruments

Back Button ADS5560 Datasheet HTML 35Page - Texas Instruments ADS5560 Datasheet HTML 36Page - Texas Instruments ADS5560 Datasheet HTML 37Page - Texas Instruments ADS5560 Datasheet HTML 38Page - Texas Instruments ADS5560 Datasheet HTML 39Page - Texas Instruments ADS5560 Datasheet HTML 40Page - Texas Instruments ADS5560 Datasheet HTML 41Page - Texas Instruments ADS5560 Datasheet HTML 42Page - Texas Instruments ADS5560 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 62 page
background image
Register Address
RegisterData
t
(SCLK)
t
(DSU)
t
(DH)
t
(SLOADS)
D7
A7
D3
A3
D5
A5
D1
A1
D6
A6
D2
A2
D4
A4
D0
A0
SDATA
SCLK
SEN
RESET
t
(SLOADH)
ADS5560, ADS5562
www.ti.com
SLWS207B – MAY 2008 – REVISED JANUARY 2016
Figure 58. Serial Interface Timing Diagram
7.6 Register Maps
Table 9 gives a summary of all the modes that can be programmed through the serial interface.
Table 9. Summary of Functions Supported by Serial Interface(1) (2)
REGISTER
ADDRESS
REGISTER FUNCTIONS
IN HEX
A7 - A0
D7
D6
D5
D4
D3
D2
D1
D0
<LF NOISE
5D
SUPPRESSION>
<CLKOUT POSN>
62
Output clock position programmability
<DF>
<STBY>
<LOW SPEED>
DATA FORMAT -
63
Global power
Enable low sampling
2s complement or
down
frequency operation
offset binary
<TEST PATTERN> – All 0s, all 1s, toggle,
65
ramp, custom pattern
<GAIN>
68
Fine gain 0 dB to 6 dB, in 1-dB steps
69
<CUSTOM A> Custom pattern (D7 TO D0)
6A
<CUSTOM B> Custom pattern (D15 TO D8)
<ODI> Output data interface
6C
DDR LVDS or parallel CMOS
<REF> Internal or
6D
external reference
<RST>
6E
Software reset
<LVDS CURR>
<DATA TERM>
<CLKOUT TERM>
7E
LVDS current
Internal termination – data outputs
Internal termination – output clock
programmability
<CURR DOUBLE>
7F
LVDS current double
(1)
The unused bits in each register (shown by blank cells in above table) must be programmed as 0.
(2)
Multiple functions in a register can be programmed in a single write operation. See the Serial Interface section for details.
Copyright © 2008–2016, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: ADS5560 ADS5562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com