Electronic Components Datasheet Search
  English  ▼

X  

ADS5560 Datasheet(PDF) 32 Page - Texas Instruments

Part # ADS5560
Description  ADS556x 16-Bit, 40 and 80 MSPS ADCs With DDR LVDS and CMOS Outputs
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5560 Datasheet(HTML) 32 Page - Texas Instruments

Back Button ADS5560 Datasheet HTML 28Page - Texas Instruments ADS5560 Datasheet HTML 29Page - Texas Instruments ADS5560 Datasheet HTML 30Page - Texas Instruments ADS5560 Datasheet HTML 31Page - Texas Instruments ADS5560 Datasheet HTML 32Page - Texas Instruments ADS5560 Datasheet HTML 33Page - Texas Instruments ADS5560 Datasheet HTML 34Page - Texas Instruments ADS5560 Datasheet HTML 35Page - Texas Instruments ADS5560 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 62 page
background image
S0169-03
CLKOUTP
D0_D1_P
D2_D3_P
D4_D5_P
D6_D7_P
D8_D9_P
D10_D11_P
D14_D15_P
D12_D13_P
OVR
Pins
OutputClock
DataBitsD0.D1
DataBitsD2,D3
DataBitsD4,D5
DataBitsD6,D7
DataBitsD8,D9
DataBitsD10,D11
DataBitsD14,D15
DataBitsD12,D13
Out-of-RangeIndicator
CLKOUTM
D0_D1_M
D2_D3_M
D4_D5_M
D6_D7_M
D8_D9_M
D10_D11_M
D14_D15_M
D12_D13_M
ADS556x
ADS5560, ADS5562
SLWS207B – MAY 2008 – REVISED JANUARY 2016
www.ti.com
Device Functional Modes (continued)
7.4.3.1 DDR LVDS Outputs
In this mode, the 16 data bits and the output clock are put out using LVDS (low voltage differential signal) levels.
Two successive data bits are multiplexed and output on each LVDS differential pair as shown in Figure 54.
Therefore, 8 LVDS output pairs are available for the data bits and 1 LVDS output pair for the output clock.
Figure 54. DDR LVDS Outputs
32
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
Product Folder Links: ADS5560 ADS5562



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com